Electronic Components Datasheet Search
  English  ▼

X  

DS26401 Datasheet(PDF) 219 Page - Dallas Semiconductor

Part # DS26401
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401 Datasheet(HTML) 219 Page - Dallas Semiconductor

Back Button DS26401 Datasheet HTML 215Page - Dallas Semiconductor DS26401 Datasheet HTML 216Page - Dallas Semiconductor DS26401 Datasheet HTML 217Page - Dallas Semiconductor DS26401 Datasheet HTML 218Page - Dallas Semiconductor DS26401 Datasheet HTML 219Page - Dallas Semiconductor DS26401 Datasheet HTML 220Page - Dallas Semiconductor DS26401 Datasheet HTML 221Page - Dallas Semiconductor DS26401 Datasheet HTML 222Page - Dallas Semiconductor DS26401 Datasheet HTML 223Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
219
11.5 E1 Transmit Control Registers
Register Name:
TCR1
Register Description:
Transmit Control Register 1
Register Address:
181h + (200h x n) : where n = 0 to 7, for Ports 1 to 8
Bit #
7
6
5
4
3
2
1
0
Name
TFPT
T16S
TG802
TSiS
TSA1
THDB3
TAIS
TCRC4
Default
0
0
0
0
0
0
0
0
Bit 0 / Transmit CRC4 Enable (TCRC4)
0 = CRC4 disabled
1 = CRC4 enabled
Bit 1 / Transmit AIS (TAIS)
0 = transmit data normally
1 = transmit an unframed all-ones code at TPOS and TNEG
Bit 2 / Transmit HDB3 Enable (THDB3)
0 = HDB3 disabled
1 = HDB3 enabled
Bit 3 / Transmit Signaling All Ones (TSA1)
0 = normal operation
1 = force time slot 16 in every frame to all ones
Bit 4 / Transmit International Bit Select (TSiS)
0 = sample Si bits at TSER pin
1 = source Si bits from TAF and TNAF registers (in this mode, TCR1.7 must be set to 0)
Bit 5 / Transmit G.802 Enable (TG802)
0 = do not force TCHBLK high during bit 1 of time slot 26
1 = force TCHBLK high during bit 1 of time slot 26
Bit 6 / Transmit Time Slot 16 Data Select (T16S)
0 = time slot 16 determined by the SSIEx and THSCS registers
1 = source time slot 16 from TS1 to TS16 registers
Bit 7 / Transmit Time Slot 0 Pass Through (TFPT)
0 = FAS bits/Sa bits/Remote Alarm sourced internally from the TAF and TNAF registers
1 = FAS bits/Sa bits/Remote Alarm sourced from TSER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com