Electronic Components Datasheet Search
  English  ▼

X  

DS26401 Datasheet(PDF) 216 Page - Dallas Semiconductor

Part # DS26401
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401 Datasheet(HTML) 216 Page - Dallas Semiconductor

Back Button DS26401 Datasheet HTML 212Page - Dallas Semiconductor DS26401 Datasheet HTML 213Page - Dallas Semiconductor DS26401 Datasheet HTML 214Page - Dallas Semiconductor DS26401 Datasheet HTML 215Page - Dallas Semiconductor DS26401 Datasheet HTML 216Page - Dallas Semiconductor DS26401 Datasheet HTML 217Page - Dallas Semiconductor DS26401 Datasheet HTML 218Page - Dallas Semiconductor DS26401 Datasheet HTML 219Page - Dallas Semiconductor DS26401 Datasheet HTML 220Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
216
11.2 E1 Transmit Formatter Description and Operation
Eight fully independent DS1/E1 transmit formatters are included within the DS26401. The formatters are designed
to interface seamlessly to the line side via an external LIU. Each port can be individually programmed to transmit
AMI, HDB3 (E1), or NRZ data. In E1 mode, each formatter supports FAS, CRC-4, and CAS frame formats,
transmits common alarms such as AIS and RAI.
Each transmitter has an HDLC controllers which can be mapped into a single time slot, or Sa4 to Sa8 bits (E1
mode) or the FDL (T1 mode) and has 64-byte FIFO buffers in both the transmit and receive paths.
Host interface is simplified with status registers optimized for either interrupt driven or polled environments. In many
cases, status bits are reported both real-time and latched on change-of-state with separate bits for each state
change. Most latched bits can be mapped to generate an external interrupt on the INT pin.
Additional details concerning the operation of the E1 formatter are included within the register descriptions within
this section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com