Electronic Components Datasheet Search
  English  ▼

X  

DS26401 Datasheet(PDF) 213 Page - Dallas Semiconductor

Part # DS26401
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401 Datasheet(HTML) 213 Page - Dallas Semiconductor

Back Button DS26401 Datasheet HTML 209Page - Dallas Semiconductor DS26401 Datasheet HTML 210Page - Dallas Semiconductor DS26401 Datasheet HTML 211Page - Dallas Semiconductor DS26401 Datasheet HTML 212Page - Dallas Semiconductor DS26401 Datasheet HTML 213Page - Dallas Semiconductor DS26401 Datasheet HTML 214Page - Dallas Semiconductor DS26401 Datasheet HTML 215Page - Dallas Semiconductor DS26401 Datasheet HTML 216Page - Dallas Semiconductor DS26401 Datasheet HTML 217Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
213
ADDRESS
TYPE
FUNCTION
NAME
PAGE
138
R/W
Tx Idle Definition 25
TIDR25
233
139
R/W
Tx Idle Definition 26
TIDR26
233
13A
R/W
Tx Idle Definition 27
TIDR27
233
13B
R/W
Tx Idle Definition 28
TIDR28
233
13C
R/W
Tx Idle Definition 29
TIDR29
233
13D
R/W
Tx Idle Definition 30
TIDR30
233
13E
R/W
Tx Idle Definition 31
TIDR31
233
13F
R/W
Tx Idle Definition 32
TIDR32
233
140
R/W
Tx Signaling 1
TS1
231
141
R/W
Tx Signaling 2
TS2
231
142
R/W
Tx Signaling 3
TS3
231
143
R/W
Tx Signaling 4
TS4
231
144
R/W
Tx Signaling 5
TS5
231
145
R/W
Tx Signaling 6
TS6
231
146
R/W
Tx Signaling 7
TS7
231
147
R/W
Tx Signaling 8
TS8
231
148
R/W
Tx Signaling 9
TS9
231
149
R/W
Tx Signaling 10
TS10
231
14A
R/W
Tx Signaling 11
TS11
231
14B
R/W
Tx Signaling 12
TS12
231
14C
R/W
Tx Signaling 13
TS13
231
14D
R/W
Tx Signaling 14
TS14
231
14E
R/W
Tx Signaling 15
TS15
231
14F
R/W
Tx Signaling 16
TS16
231
150
R/W
Tx Channel Idle Code Enable 1
TCICE1
233
151
R/W
Tx Channel Idle Code Enable 2
TCICE2
233
152
R/W
Tx Channel Idle Code Enable 3
TCICE3
233
153
R/W
Tx Channel Idle Code Enable 4
TCICE4
233
154
—
Unused
—
—
155
—
Unused
—
—
156
—
Unused
—
—
157
—
Unused
—
—
158
—
Unused
—
—
159
—
Unused
—
—
15A
—
Unused
—
—
15B
—
Unused
—
—
15C
—
Unused
—
—
15D
—
Unused
—
—
15E
—
Unused
—
—
15F
—
Unused
—
—
160
—
Unused
—
—
161
—
Unused
—
—
162
—
Unused
—
—
163
—
Unused
—
—
164
R/W
Tx Align Frame
TAF
241
165
R/W
Tx Non-Align Frame
TNAF
241
166
R/W
Tx Si bits for Align Frame
TSiAF
242
167
R/W
Tx Si bits for Non-Align Frame
TSiNAF
242
168
R/W
Tx Remote Alarm
TRA
243
169
R/W
Tx Sa4 Bits
TSa4
243
16A
R/W
Tx Sa5 Bits
TSa5
244
16B
R/W
Tx Sa6 Bits
TSa6
244
16C
R/W
Tx Sa7 Bits
TSa7
245
16D
R/W
Tx Sa8 Bits
TSa8
245
16E
—
Unused
—
—
16F
—
Unused
—
—
170
—
Unused
—
—
171
—
Unused
—
—
172
—
Unused
—
—
173
—
Unused
—
—
174
—
Unused
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com