Electronic Components Datasheet Search
  English  ▼

X  

DS26401 Datasheet(PDF) 210 Page - Dallas Semiconductor

Part # DS26401
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401 Datasheet(HTML) 210 Page - Dallas Semiconductor

Back Button DS26401 Datasheet HTML 206Page - Dallas Semiconductor DS26401 Datasheet HTML 207Page - Dallas Semiconductor DS26401 Datasheet HTML 208Page - Dallas Semiconductor DS26401 Datasheet HTML 209Page - Dallas Semiconductor DS26401 Datasheet HTML 210Page - Dallas Semiconductor DS26401 Datasheet HTML 211Page - Dallas Semiconductor DS26401 Datasheet HTML 212Page - Dallas Semiconductor DS26401 Datasheet HTML 213Page - Dallas Semiconductor DS26401 Datasheet HTML 214Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
210
10.18 Interfacing the E1 Rx Framer to the BERT
Data from the DS26401 receive framer can be ported to the on-chip BERT by using the registers described below.
Any single DS0 or combination of DS0s can be extracted from the data stream up to the entire T1 payload as
controlled by the RBCS registers.
Note that one BERT resource is shared between all 8 framers. Therefore, the RBEN bit should be set for only one
framer at a time. If multiple framers have the RBEN bit set, the lower number framer will be assigned the resource.
Details concerning the on-chip BERT can be found in Section 12.
Register Name:
RBICR
Register Description:
Receive BERT Interface Control Register
Register Address:
08Ah + (200h x n) : where n = 0 to 7, for Ports 1 to 8
Bit #
7
6
5
4
3
2
1
0
Name
—
—
—
—
—
RBDC
—
RBEN
Default
0
0
0
0
0
0
0
0
Bit 0 / Receive BERT Enable (RBEN)
0 = Receive BERT is not assigned to this framer
1 = Receive BERT is assigned to this framer
Bit 1 / Unused. Must be set = 0 for proper operation.
Bit 2 / Receive BERT Direction Control (RBDC)
0 = Receive Path: The BERT receives data from the network side via RPOS and RNEG.
1 = Backplane: The BERT receives data from the system backplane via the TSER pin.
Bits 2 to 7 / Unused. Must be set = 0 for proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com