Electronic Components Datasheet Search
  English  ▼

X  

DS26401 Datasheet(PDF) 214 Page - Dallas Semiconductor

Part # DS26401
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401 Datasheet(HTML) 214 Page - Dallas Semiconductor

Back Button DS26401 Datasheet HTML 210Page - Dallas Semiconductor DS26401 Datasheet HTML 211Page - Dallas Semiconductor DS26401 Datasheet HTML 212Page - Dallas Semiconductor DS26401 Datasheet HTML 213Page - Dallas Semiconductor DS26401 Datasheet HTML 214Page - Dallas Semiconductor DS26401 Datasheet HTML 215Page - Dallas Semiconductor DS26401 Datasheet HTML 216Page - Dallas Semiconductor DS26401 Datasheet HTML 217Page - Dallas Semiconductor DS26401 Datasheet HTML 218Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
214
ADDRESS
TYPE
FUNCTION
NAME
PAGE
175
—
Unused
—
—
176
—
Unused
—
—
177
—
Unused
—
—
178
—
Unused
—
—
179
—
Unused
—
—
17A
—
Unused
—
—
17B
—
Unused
—
—
17C
—
Unused
—
—
17D
—
Unused
—
—
17E
—
Unused
—
—
17F
—
Unused
—
—
180
R/W
Tx Master Mode
TMMR
217
181
R/W
Tx Control 1
TCR1
219
182
R/W
Tx Control 2
TCR2
220
183
R/W
Tx Control 3
TCR3
222
184
R/W
Tx I/O Configuration
TIOCR
114
185
R/W
Tx Elastic Store Control
TESCR
237
186
—
Unused
—
—
187
R/W
Tx HDLC FIFO Control
THFC
250
188
R/W
Tx Interleave Bus Op Control
TIBOC
257
189
R/W
Tx DS0 Monitor Select
TDS0SEL
229
18A
R/W
Tx BERT Interface Control
TBICR
258
18B
R/W
Tx BERT Bit Suppress En
TBBS
259
18C
—
Unused
—
—
18D
—
Unused
—
—
18E
R/W
Tx Synchronizer Control
TSYNCC
260
18F
R/W
Tx Test Register 5
TTEST5
—
190
R/W
Tx Latched Status 1
TLS1
226
191
R/W
Tx Latched Status 2 (HDLC)
TLS2
252
192
R/W
Tx Latched Status 3 (SYNC)
TLS3
261
193
—
Unused
—
—
194
—
Unused
—
—
195
—
Unused
—
—
196
—
Unused
—
—
197
—
Unused
—
—
198
—
Unused
—
—
199
—
Unused
—
—
19A
—
Unused
—
—
19B
—
Unused
—
—
19C
—
Unused
—
—
19D
—
Unused
—
—
19E
—
Unused
—
—
19F
R/W
Tx Interrupt Information Register
TIIR
218
1A0
R/W
Tx Interrupt Mask Register 1
TIM1
227
1A1
R/W
Tx Interrupt Mask Register 2 (HDLC)
TIM2
253
1A2
R/W
Tx Interrupt Mask Register 3 (SYNC)
TIM3
261
1A3
—
Unused
—
—
1A4
—
Unused
—
—
1A5
—
Unused
—
—
1A6
—
Unused
—
—
1A7
—
Unused
—
—
1A8
—
Unused
—
—
1A9
—
Unused
—
—
1AA
—
Unused
—
—
1AB
—
Unused
—
—
1AC
—
Unused
—
—
1AD
—
Unused
—
—
1AE
—
Unused
—
—
1AF
—
Unused
—
—
1B0
—
Unused
—
—
1B1
R
Tx Real-Time Status Register 2 (HDLC)
TRTS2
251



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com