Electronic Components Datasheet Search
  English  ▼

X  

DS26401 Datasheet(PDF) 217 Page - Dallas Semiconductor

Part # DS26401
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401 Datasheet(HTML) 217 Page - Dallas Semiconductor

Back Button DS26401 Datasheet HTML 213Page - Dallas Semiconductor DS26401 Datasheet HTML 214Page - Dallas Semiconductor DS26401 Datasheet HTML 215Page - Dallas Semiconductor DS26401 Datasheet HTML 216Page - Dallas Semiconductor DS26401 Datasheet HTML 217Page - Dallas Semiconductor DS26401 Datasheet HTML 218Page - Dallas Semiconductor DS26401 Datasheet HTML 219Page - Dallas Semiconductor DS26401 Datasheet HTML 220Page - Dallas Semiconductor DS26401 Datasheet HTML 221Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
217
11.3 Transmit Master Mode Register
The Transmit Master Mode Register (TMMR) controls the initialization of the transmit side formatter. The FRM_EN
bit may be left ‘low’ if the formatter for that particular port is not going to be used, putting the circuit in a low-power
(sleep) state.
Register Name:
TMMR
Register Description:
Transmit Master Mode Register
Register Address:
180h + (200h x n) : where n = 0 to 7, for Ports 1 to 8
Bit #
7
6
5
4
3
2
1
0
Name
FRM_EN
INIT_DONE
—
—
—
—
SFTRST
T1/E1
Default
0
0
0
0
0
0
0
0
Bit 0 / Transmitter T1/E1 Mode Select (T1/E1).
Sets operating mode for transmitter only! This bit must be written
with the desired value prior to setting INIT_DONE.
0 = T1 operation
1 = E1 operation
Bit 1 / Soft Reset (SFTRST).
Level sensitive processor reset. Should be taken high then low to reset and initialize
the internal processor.
0 = Normal Operation
1 = Hold the internal RISC in reset. This bit only affects the transmit side processor.
Bits 2 to 5 / Unused. Must be set = 0 for proper operation.
Bit 6 / Initialization Done (INIT_DONE).
The host (user) must set this bit once he/she has written the configuration
registers. The host is required to write or clear all RAM based registers (addresses 100H to 17FH) prior to setting
this bit. Once INIT_DONE is set, the internal processor will check the FRM_EN bit. If enabled, the internal
processor continues executing based on the initial configuration.
Bit 7 / Framer Enable (FRM_EN).
This bit must be written with the desired value prior to setting INIT_DONE.
0 = Framer disabled – held in low power state
1 = Framer enabled – all features active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com