Electronic Components Datasheet Search
  English  ▼

X  

DS26401 Datasheet(PDF) 211 Page - Dallas Semiconductor

Part # DS26401
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401 Datasheet(HTML) 211 Page - Dallas Semiconductor

Back Button DS26401 Datasheet HTML 207Page - Dallas Semiconductor DS26401 Datasheet HTML 208Page - Dallas Semiconductor DS26401 Datasheet HTML 209Page - Dallas Semiconductor DS26401 Datasheet HTML 210Page - Dallas Semiconductor DS26401 Datasheet HTML 211Page - Dallas Semiconductor DS26401 Datasheet HTML 212Page - Dallas Semiconductor DS26401 Datasheet HTML 213Page - Dallas Semiconductor DS26401 Datasheet HTML 214Page - Dallas Semiconductor DS26401 Datasheet HTML 215Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
211
Register Name:
RBCS1, RBCS2, RBCS3, RBCS4
Register Description:
Receive BERT Channel Select Registers
Register Address:
0D4h, 0D5h, 0D6h, 0D7h [+ (200h x n) : where n = 0 to 7, for Ports 1
to 8]
Setting any of the CH1 through CH32 bits in the RBCS1 through RBCS4 registers will map data from those
channels to the on-board BERT. RBEN must be set to one for these registers to have effect. Multiple, or all
channels may be selected simultaneously. These registers work with the receive-side framer only.
(MSB)
(LSB)
CH8
CH7
CH6
CH5
CH4
CH3
CH2
CH1
RBCS1
CH16
CH15
CH14
CH13
CH12
CH11
CH10
CH9
RBCS2
CH24
CH23
CH22
CH21
CH20
CH19
CH18
CH17
RBCS3
CH32
CH31
CH30
CH29
CH28
CH27
CH26
CH25
RBCS4
Register Name:
RBBS
Register Description:
Receive BERT Bit Suppress Register
Register Address:
08Bh
Bit #
7
6
5
4
3
2
1
0
Name
BSE8
BSE7
BSE6
BSE5
BSE4
BSE3
BSE2
BSE1
Default
0
0
0
0
0
0
0
0
Bit 0 / Receive Channel Bit 1 Suppress (BSE1).
LSB of the channel. Set to one to stop this bit from being used.
Bit 1 / Receive Channel Bit 2 Suppress (BSE2).
Set to one to stop this bit from being used.
Bit 2 / Receive Channel Bit 3 Suppress (BSE3).
Set to one to stop this bit from being used.
Bit 3 / Receive Channel Bit 4 Suppress (BSE4).
Set to one to stop this bit from being used.
Bit 4 / Receive Channel Bit 5 Suppress (BSE5).
Set to one to stop this bit from being used.
Bit 5 / Receive Channel Bit 6 Suppress (BSE6).
Set to one to stop this bit from being used.
Bit 6 / Receive Channel Bit 7 Suppress (BSE7).
Set to one to stop this bit from being used.
Bit 7 / Receive Channel Bit 8 Suppress (BSE8).
MSB of the channel. Set to one to stop this bit from being used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com