Electronic Components Datasheet Search
  English  ▼

X  

DS26401 Datasheet(PDF) 249 Page - Dallas Semiconductor

Part # DS26401
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401 Datasheet(HTML) 249 Page - Dallas Semiconductor

Back Button DS26401 Datasheet HTML 245Page - Dallas Semiconductor DS26401 Datasheet HTML 246Page - Dallas Semiconductor DS26401 Datasheet HTML 247Page - Dallas Semiconductor DS26401 Datasheet HTML 248Page - Dallas Semiconductor DS26401 Datasheet HTML 249Page - Dallas Semiconductor DS26401 Datasheet HTML 250Page - Dallas Semiconductor DS26401 Datasheet HTML 251Page - Dallas Semiconductor DS26401 Datasheet HTML 252Page - Dallas Semiconductor DS26401 Datasheet HTML 253Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
249
Register Name:
THC2
Register Description:
Transmit HDLC Control Register 2
Register Address:
113h + (200h x n) : where n = 0 to 7, for Ports 1 to 8
Bit #
7
6
5
4
3
2
1
0
Name
TABT
—
THCEN
THCS4
THCS3
THCS2
THCS1
THCS0
Default
0
0
0
0
0
0
0
0
Bits 0 to 4 / Transmit HDLC Channel Select (THCS0 to 4).
Determines which DSO channel will have the carry
the HDLC message if enabled.
Bit 5 / Transmit HDLC Controller Enable (THCEN)
0 = Transmit HDLC Controller is not enabled
1 = Transmit HDLC Controller is enabled
Bit 6 / Unused
Bit 7 / Transmit Abort (TABT).
A 0-to-1 transition will cause the FIFO contents to be dumped and one FEh abort to
be sent followed by 7Eh or FFh flags/idle until a new packet is initiated by writing new data into the FIFO. Must be
cleared and set again for a subsequent abort to be sent.
Register Name:
THBSE
Register Description:
Transmit HDLC Bit Suppress
Register Address:
111h + (200h x n) : where n = 0 to 7, for Ports 1 to 8
Bit #
7
6
5
4
3
2
1
0
Name
TBSE8
TBSE7
TBSE6
TBSE5
TBSE4
TBSE3
TBSE2
TBSE1
Default
0
0
0
0
0
0
0
0
Bit 0 / Transmit Bit 1 Suppress/Sa8 Bit Suppress (TBSE1).
LSB of the channel. Set to one to stop this bit from
being used.
Bit 1 / Transmit Bit 2 Suppress/Sa7 Bit Suppress (TBSE2).
Set to one to stop this bit from being used
Bit 2 / Transmit Bit 3 Suppress/Sa6 Bit Suppress (TBSE3).
Set to one to stop this bit from being used
Bit 3 / Transmit Bit 4 Suppress/Sa5 Bit Suppress (TBSE4).
Set to one to stop this bit from being used
Bit 4 / Transmit Bit 5 Suppress/Sa4 Bit Suppress (TBSE5).
Set to one to stop this bit from being used
Bit 5 / Transmit Bit 6 Suppress (TBSE6).
Set to one to stop this bit from being used.
Bit 6 / Transmit Bit 7 Suppress (TBSE7).
Set to one to stop this bit from being used.
Bit 7 / Transmit Bit 8 Suppress (TBSE8).
MSB of the channel. Set to one to stop this bit from being used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com