Electronic Components Datasheet Search
  English  ▼

X  

DS26401 Datasheet(PDF) 254 Page - Dallas Semiconductor

Part # DS26401
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401 Datasheet(HTML) 254 Page - Dallas Semiconductor

Back Button DS26401 Datasheet HTML 250Page - Dallas Semiconductor DS26401 Datasheet HTML 251Page - Dallas Semiconductor DS26401 Datasheet HTML 252Page - Dallas Semiconductor DS26401 Datasheet HTML 253Page - Dallas Semiconductor DS26401 Datasheet HTML 254Page - Dallas Semiconductor DS26401 Datasheet HTML 255Page - Dallas Semiconductor DS26401 Datasheet HTML 256Page - Dallas Semiconductor DS26401 Datasheet HTML 257Page - Dallas Semiconductor DS26401 Datasheet HTML 258Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
254
11.17.3 FIFO Information
The Transmit FIFO Buffer Available register indicates the number of bytes that can be written into the transmit
FIFO. The count form this register informs the host as to how many bytes can be written into the transmit FIFO
without overflowing the buffer. This is a real-time register. The count shall remain valid and stable during the read
cycle.
Register Name:
TFBA
Register Description:
Transmit HDLC FIFO Buffer Available
Register Address:
1B3h + (200h x n) : where n = 0 to 7, for Ports 1 to 8
Bit #
7
6
5
4
3
2
1
0
Name
—
TFBA6
TFBA5
TFBA4
TFBA3
TFBA2
TFBA1
TFBA0
Default
0
0
0
0
0
0
0
0
Bits 0–6 / Transmit FIFO Bytes Available (TFBAO to TFBA6).
TFBA0 is the LSB.
Register Name:
THF
Register Description:
Transmit HDLC FIFO
Register Address:
1B4h + (200h x n) : where n = 0 to 7, for Ports 1 to 8
Bit #
7
6
5
4
3
2
1
0
Name
THD7
THD6
THD5
THD4
THD3
THD2
THD1
THD0
Default
0
0
0
0
0
0
0
0
Bit 0 / Transmit HDLC Data Bit 0 (THD0).
LSB of a HDLC packet data byte.
Bit 1 / Transmit HDLC Data Bit 1 (THD1)
Bit 2 / Transmit HDLC Data Bit 2 (THD2)
Bit 3 / Transmit HDLC Data Bit 3 (THD3)
Bit 4 / Transmit HDLC Data Bit 4 (THD4)
Bit 5 / Transmit HDLC Data Bit 5 (THD5)
Bit 6 / Transmit HDLC Data Bit 6 (THD6)
Bit 7 / Transmit HDLC Data Bit 7 (THD7).
MSB of a HDLC packet data byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com