Electronic Components Datasheet Search
  English  ▼

X  

DS26401 Datasheet(PDF) 258 Page - Dallas Semiconductor

Part # DS26401
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401 Datasheet(HTML) 258 Page - Dallas Semiconductor

Back Button DS26401 Datasheet HTML 254Page - Dallas Semiconductor DS26401 Datasheet HTML 255Page - Dallas Semiconductor DS26401 Datasheet HTML 256Page - Dallas Semiconductor DS26401 Datasheet HTML 257Page - Dallas Semiconductor DS26401 Datasheet HTML 258Page - Dallas Semiconductor DS26401 Datasheet HTML 259Page - Dallas Semiconductor DS26401 Datasheet HTML 260Page - Dallas Semiconductor DS26401 Datasheet HTML 261Page - Dallas Semiconductor DS26401 Datasheet HTML 262Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
258
11.20 Interfacing the E1 Transmitter to the BERT
Data from the on-chip BERT can be ported to the transmit formatter by using the registers described below. Any
single DS0 or combination of DS0s can be inserted into the data stream up to the entire T1 payload as controlled by
the RBCS registers.
Note that one BERT resource is shared among all 8 framers. Therefore the TBEN bit should be set for only one
framer at a time. If multiple framers have the TBEN bit set, the lower number framer is assigned the resource.
Details concerning the on-chip BERT can be found in Section 12.
Register Name:
TBICR
Register Description:
Transmit BERT Interface Control Register
Register Address:
18Ah + (200h x n) : where n = 0 to 7, for Ports 1 to 8
Bit #
7
6
5
4
3
2
1
0
Name
—
—
—
—
—
TBDC
—
TBEN
Default
0
0
0
0
0
0
0
0
Bit 0 / Transmit BERT Enable (TBEN)
0 = Transmit BERT is not assigned to this framer
1 = Transmit BERT is assigned to this framer
Bits 1, 3 to 7 / Unused. Must be set = 0 for proper operation.
Bit 2 / Transmit BERT Direction Control (TBDC)
0 = Transmit Path: The BERT transmits toward the network via the TPOS and TNEG pins.
1 = Backplane: The BERT transmits toward the system backplane via the RSER pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com