Electronic Components Datasheet Search
  English  ▼

X  

DS26401 Datasheet(PDF) 260 Page - Dallas Semiconductor

Part # DS26401
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401 Datasheet(HTML) 260 Page - Dallas Semiconductor

Back Button DS26401 Datasheet HTML 256Page - Dallas Semiconductor DS26401 Datasheet HTML 257Page - Dallas Semiconductor DS26401 Datasheet HTML 258Page - Dallas Semiconductor DS26401 Datasheet HTML 259Page - Dallas Semiconductor DS26401 Datasheet HTML 260Page - Dallas Semiconductor DS26401 Datasheet HTML 261Page - Dallas Semiconductor DS26401 Datasheet HTML 262Page - Dallas Semiconductor DS26401 Datasheet HTML 263Page - Dallas Semiconductor DS26401 Datasheet HTML 264Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 260 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
260
11.21 E1 Transmit Synchronizer
The DS26401 transmitter has the ability to identify the E1 frame boundary, as well as the CRC multiframe
boundaries within the incoming NRZ data stream at TSER. Control signals for the transmit synchronizer are located
in the TSYNCC register. The Transmit Synchronizer Status (TSYNCS) register provides a latched status bit (LOFD)
to indicate that a loss-of-frame synchronization has occurred, and a real-time bit (LOF) which is set high when the
synchronizer is searching for frame/multiframe alignment. The LOFD bit can be enabled to cause an interrupt
condition on INT.
Note that when the transmit synchronizer is used, the TSYNC signal should be set as an output (TSIO = 1) and the
recovered frame sync pulse will be output on this signal. The recovered CRC4 multiframe sync pulse will be output
if enabled with TIOCR.0 (TSM = 1). The transmit synchronizer cannot be used while the transmit elastic store is
enabled.
Register Name:
TSYNCC
Register Description:
Transmit Synchronizer Control Register
Register Address:
18Eh + (200h x n) : where n = 0 to 7, for Ports 1 to 8
Bit #
7
6
5
4
3
2
1
0
Name
—
—
—
—
CRC4
TSEN
SYNCE
RESYNC
Default
0
0
0
0
0
0
0
0
Bit 0 / Resynchronize (RESYNC).
When toggled from low to high, a resynchronization of the transmit-side framer
is initiated. Must be cleared and set again for a subsequent resync.
Bit 1 / Sync Enable (SYNCE)
0 = auto resync enabled
1 = auto resync disabled
Bit 2 / Transmit Synchronizer Enable (TSEN)
0 = transmit synchronizer disabled
1 = transmit synchronizer enabled
Bit 3 / CRC4 Enable (RCRC4)
0 = CRC4 disabled
1 = CRC4 enabled
Bits 4 to 7 / Unused. Must be set = 0 for proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com