Electronic Components Datasheet Search
  English  ▼

X  

DS26401 Datasheet(PDF) 259 Page - Dallas Semiconductor

Part # DS26401
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401 Datasheet(HTML) 259 Page - Dallas Semiconductor

Back Button DS26401 Datasheet HTML 255Page - Dallas Semiconductor DS26401 Datasheet HTML 256Page - Dallas Semiconductor DS26401 Datasheet HTML 257Page - Dallas Semiconductor DS26401 Datasheet HTML 258Page - Dallas Semiconductor DS26401 Datasheet HTML 259Page - Dallas Semiconductor DS26401 Datasheet HTML 260Page - Dallas Semiconductor DS26401 Datasheet HTML 261Page - Dallas Semiconductor DS26401 Datasheet HTML 262Page - Dallas Semiconductor DS26401 Datasheet HTML 263Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
259
Register Name:
TBCS1, TBCS2, TBCS3, TBCS4
Register Description:
Transmit BERT Channel Select Registers
Register Address:
1D4h, 1D5h, 1D6h, 1D7h [+ (200h x n) : where n = 0 to 7, for Ports 1
to 8]
Setting any of the CH1 through CH32 bits in the TBCS1 through TBCS4 registers will map data into those channels
from the on-board BERT. TBEN must be set to one for these registers to have effect. Multiple, or all channels may
be selected simultaneously. These registers work with the transmit-side framer only.
(MSB)
(LSB)
CH8
CH7
CH6
CH5
CH4
CH3
CH2
CH1
TBCS1
CH16
CH15
CH14
CH13
CH12
CH11
CH10
CH9
TBCS2
CH24
CH23
CH22
CH21
CH20
CH19
CH18
CH17
TBCS3
CH32
CH31
CH30
CH29
CH28
CH27
CH26
CH25
TBCS4
Register Name:
TBBS
Register Description:
Transmit BERT Bit Suppress Register
Register Address:
18Bh
Bit #
7
6
5
4
3
2
1
0
Name
BSE8
BSE7
BSE6
BSE5
BSE4
BSE3
BSE2
BSE1
Default
0
0
0
0
0
0
0
0
Bit 0 / Transmit Channel Bit 1 Suppress (BSE1).
LSB of the channel. Set to one to stop this bit from being used.
Bit 1 / Transmit Channel Bit 2 Suppress (BSE2).
Set to one to stop this bit from being used.
Bit 2 / Transmit Channel Bit 3 Suppress (BSE3).
Set to one to stop this bit from being used.
Bit 3 / Transmit Channel Bit 4 Suppress (BSE4).
Set to one to stop this bit from being used.
Bit 4 / Transmit Channel Bit 5 Suppress (BSE5).
Set to one to stop this bit from being used.
Bit 5 / Transmit Channel Bit 6 Suppress (BSE6).
Set to one to stop this bit from being used.
Bit 6 / Transmit Channel Bit 7 Suppress (BSE7).
Set to one to stop this bit from being used.
Bit 7 / Transmit Channel Bit 8 Suppress (BSE8).
MSB of the channel. Set to one to stop this bit from being used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com