Electronic Components Datasheet Search
  English  ▼

X  

TDA2EX Datasheet(PDF) 132 Page - Texas Instruments

Part # TDA2EX
Description  SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package) Silicon Revision 2.0
PDF  391 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA2EX Datasheet(HTML) 132 Page - Texas Instruments

Back Button TDA2EX Datasheet HTML 128Page - Texas Instruments TDA2EX Datasheet HTML 129Page - Texas Instruments TDA2EX Datasheet HTML 130Page - Texas Instruments TDA2EX Datasheet HTML 131Page - Texas Instruments TDA2EX Datasheet HTML 132Page - Texas Instruments TDA2EX Datasheet HTML 133Page - Texas Instruments TDA2EX Datasheet HTML 134Page - Texas Instruments TDA2EX Datasheet HTML 135Page - Texas Instruments TDA2EX Datasheet HTML 136Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 391 page
background image
132
TDA2EG-17
SPRS969B – AUGUST 2016 – REVISED JUNE 2017
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2EG-17
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
Table 5-12. Dual Voltage LVCMOS DC Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
NOM
MAX
UNIT
VOH
Output high-level threshold (IOH = 100 µA)
VDDS-0.2
V
VOL
Output low-level threshold (IOL = 100 µA)
0.2
V
IDRIVE
Pin Drive strength at PAD Voltage = 0.45V or
VDDS-0.45V
6
mA
IIN
Input current at each I/O pin
65
µA
IOZ
IOZ(IPAD Current) for BIDI cell. This current is
contributed by the tristated driver leakage + input
current of the Rx + weak pullup/pulldown leakage.
PAD is swept from 0 to VDDS and the Max(I(PAD))
is measured and is reported as IOZ
65
µA
IIN with pulldown
enabled
Input current at each I/O pin with weak pulldown
enabled measured when PAD = VDDS
40
100
200
µA
IIN with pullup
enabled
Input current at each I/O pin with weak pullup
enabled measured when PAD = 0
10
100
290
µA
CPAD
Pad capacitance (including package capacitance)
4
pF
ZO
Output impedance (drive strength)
40
Ω
(1) VDDS in this table stands for corresponding power supply. For more information on the power supply name and the corresponding ball,
see Table 4-1, POWER [10] column.
5.7.1
USBPHY DC Electrical Characteristics
NOTE
USB1 instance is compliant with the USB3.0 SuperSpeed Transmitter and Receiver
Normative Electrical Parameters as defined in the USB3.0 Specification Rev 1.0 dated Jun 6,
2011.
NOTE
USB1 and USB2 Electrical Characteristics are compliant with USB2.0 Specification Rev 2.0
dated April 27, 2000 including ECNs and Errata as applicable.
5.7.2
HDMIPHY DC Electrical Characteristics
NOTE
The HDMIPHY DC Electrical Characteristics are compliant with the HDMI 1.4a specification
and are not reproduced here.
5.7.3
PCIEPHY DC Electrical Characteristics
NOTE
The PCIe interfaces are compliant with the electrical parameters specified in PCI Express®
Base Specification Revision 3.0.
5.8
Thermal Resistance Characteristics for CBD Package
For reliability and operability concerns, the maximum junction temperature of the Device has to be at or
below the TJ value identified in Section 5.4, Recommended Operating Conditions.
A BCI compact thermal model for this Device is available and recommended for use when modeling
thermal performance in a system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com