Electronic Components Datasheet Search
  English  ▼

X  

AD9680 Datasheet(PDF) 35 Page - Analog Devices

Part # AD9680
Description  Dual Analog-to-Digital Converter
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9680 Datasheet(HTML) 35 Page - Analog Devices

Back Button AD9680 Datasheet HTML 31Page - Analog Devices AD9680 Datasheet HTML 32Page - Analog Devices AD9680 Datasheet HTML 33Page - Analog Devices AD9680 Datasheet HTML 34Page - Analog Devices AD9680 Datasheet HTML 35Page - Analog Devices AD9680 Datasheet HTML 36Page - Analog Devices AD9680 Datasheet HTML 37Page - Analog Devices AD9680 Datasheet HTML 38Page - Analog Devices AD9680 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 99 page
background image
Data Sheet
AD9680
Rev. C | Page 33 of 97
EQUIVALENT CIRCUITS
AIN
CONTROL
(SPI)
10pF
VIN+x
VIN–x
AVDD3
AVDD3
AVDD3
VCM
BUFFER
400Ω
AVDD3
AVDD3
1.5pF
3pF
1.5pF
3pF
Figure 104. Analog Inputs
CLK+
CLK–
AVDD1
25Ω
AVDD1
25Ω
20kΩ
20kΩ
VCM = 0.85V
Figure 105. Clock Inputs
SYSREF+
AVDD1_SR
1kΩ
SYSREF–
AVDD1_SR
1kΩ
20kΩ
20kΩ
LEVEL
TRANSLATOR
VCM = 0.85V
Figure 106. SYSREF± Inputs
DRVDD
DRGND
DRVDD
DRGND
OUTPUT
DRIVER
EMPHASIS/SWING
CONTROL (SPI)
DATA+
DATA–
SERDOUTx+
x = 0, 1, 2, 3
SERDOUTx–
x = 0, 1, 2, 3
Figure 107. Digital Outputs
20kΩ
20kΩ
LEVEL
TRANSLATOR
VCM = 0.85V
SYNCINB± PIN
CONTROL (SPI)
SYNCINB+
DVDD
1kΩ
DGND
SYNCINB–
DVDD
1kΩ
DGND
VCM
Figure 108. SYNCINB± Inputs
30kΩ
SPIVDD
ESD
PROTECTED
ESD
PROTECTED
1kΩ
SPIVDD
SCLK
Figure 109. SCLK Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com