Electronic Components Datasheet Search
  English  ▼

X  

AD9680 Datasheet(PDF) 69 Page - Analog Devices

Part # AD9680
Description  Dual Analog-to-Digital Converter
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9680 Datasheet(HTML) 69 Page - Analog Devices

Back Button AD9680 Datasheet HTML 65Page - Analog Devices AD9680 Datasheet HTML 66Page - Analog Devices AD9680 Datasheet HTML 67Page - Analog Devices AD9680 Datasheet HTML 68Page - Analog Devices AD9680 Datasheet HTML 69Page - Analog Devices AD9680 Datasheet HTML 70Page - Analog Devices AD9680 Datasheet HTML 71Page - Analog Devices AD9680 Datasheet HTML 72Page - Analog Devices AD9680 Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 99 page
background image
Data Sheet
AD9680
Rev. C | Page 67 of 97
Table 24. AD9680 Control Characters used in JESD204B
Abbreviation
Control Symbol
8-Bit Value
10-Bit Value,
RD1 = −1
10-Bit Value,
RD1 = +1
Description
/R/
/K28.0/
000 11100
001111 0100
110000 1011
Start of multiframe
/A/
/K28.3/
011 11100
001111 0011
110000 1100
Lane alignment
/Q/
/K28.4/
100 11100
001111 0100
110000 1101
Start of link configuration data
/K/
/K28.5/
101 11100
001111 1010
110000 0101
Group synchronization
/F/
/K28.7/
111 11100
001111 1000
110000 0111
Frame alignment
1
RD means running disparity.
PHYSICAL LAYER (DRIVER) OUTPUTS
Digital Outputs, Timing, and Controls
The AD9680 physical layer consists of drivers that are defined in
the JEDEC Standard JESD204B, July 2011. The differential digital
outputs are powered up by default. The drivers use a dynamic
100 Ω internal termination to reduce unwanted reflections.
Place a 100 Ω differential termination resistor at each receiver
input to result in a nominal 300 mV p-p swing at the receiver
(see Figure 159). Alternatively, single-ended 50 Ω termination
can be used. When single-ended termination is used, the
termination voltage is DRVDD/2. Otherwise, 0.1 µF ac coupling
capacitors can be used to terminate to any single-ended voltage.
OR
SERDOUTx+
DRVDD
VRXCM
SERDOUTx–
OUTPUT SWING = 300mV p-p
0.1µF
100Ω
50Ω
50Ω
0.1µF
RECEIVER
VCM = VRXCM
100Ω
DIFFERENTIAL
TRACE PAIR
Figure 159. AC-Coupled Digital Output Termination Example
The AD9680 digital outputs can interface with custom ASICs
and FPGA receivers, providing superior switching performance
in noisy environments. Single point-to-point network topologies
are recommended with a single differential 100 Ω termination
resistor placed as close to the receiver inputs as possible. The
common mode of the digital output automatically biases itself
to half the DRVDD supply of 1.2 V (VCM = 0.6 V). See Figure 160
for dc coupling the outputs to the receiver logic.
SERDOUTx+
DRVDD
SERDOUTx–
OUTPUT SWING = 300mV p-p
100Ω
RECEIVER
VCM = DRVDD/2
100Ω
DIFFERENTIAL
TRACE PAIR
Figure 160. DC-Coupled Digital Output Termination Example
If there is no far-end receiver termination, or if there is poor
differential trace routing, timing errors can result. To avoid such
timing errors, it is recommended that the trace length be less
than six inches, and that the differential output traces be close
together and at equal lengths.
Figure 161 to Figure 166 show an example of the digital output
data eye, time interval error (TIE) jitter histogram, and bathtub
curve for one AD9680 lane running at 10 Gbps and 6 Gbps,
respectively. The format of the output data is twos complement
by default. To change the output data format, see the Memory Map
section (Register 0x561 in Table 36).
De-Emphasis
De-emphasis enables the receiver eye diagram mask to be met
in conditions where the interconnect insertion loss does not
meet the JESD204B specification. Use the de-emphasis feature
only when the receiver is unable to recover the clock due to
excessive insertion loss. Under normal conditions, it is disabled
to conserve power. Additionally, enabling and setting too high a
de-emphasis value on a short link can cause the receiver eye
diagram to fail. Use the de-emphasis setting with caution
because it can increase electromagnetic interference (EMI). See
the Memory Map section (Register 0x5C1 to Register 0x5C5 in
Table 36) for more details.
Phase-Locked Loop
The phase-locked loop (PLL) is used to generate the serializer
clock, which operates at the JESD204B lane rate. The status of
the PLL lock can be checked in the PLL locked status bit
(Register 0x56F, Bit 7). This read only bit lets the user know if
the PLL has achieved a lock for the specific setup. The JESD204B
lane rate control, Bit 4 of Register 0x56E, must be set to
correspond with the lane rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com