Electronic Components Datasheet Search
  English  ▼

X  

AD9680 Datasheet(PDF) 34 Page - Analog Devices

Part # AD9680
Description  Dual Analog-to-Digital Converter
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9680 Datasheet(HTML) 34 Page - Analog Devices

Back Button AD9680 Datasheet HTML 30Page - Analog Devices AD9680 Datasheet HTML 31Page - Analog Devices AD9680 Datasheet HTML 32Page - Analog Devices AD9680 Datasheet HTML 33Page - Analog Devices AD9680 Datasheet HTML 34Page - Analog Devices AD9680 Datasheet HTML 35Page - Analog Devices AD9680 Datasheet HTML 36Page - Analog Devices AD9680 Datasheet HTML 37Page - Analog Devices AD9680 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 99 page
background image
AD9680
Data Sheet
Rev. C | Page 32 of 97
65
70
75
80
85
90
95
–40
–15
10
35
60
85
TEMPERATURE (°C)
SFDR
SNR
Figure 98. SNR/SFDR vs. Temperature, fIN = 170.3 MHz
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
0
2000
4000
6000
8000
10000
12000
14000
16000
OUTPUT CODE
Figure 99. INL, fIN = 10.3 MHz
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
0
2000
4000
6000
8000
10000
12000
14000
16000
OUTPUT CODE
Figure 100. DNL, fIN = 15 MHz
0
100000
200000
300000
400000
500000
600000
700000
800000
900000
OUTPUT CODE
2.06 LSB RMS
Figure 101. Input-Referred Noise Histogram
2.20
2.22
2.24
2.26
2.28
2.30
2.32
–45
–35
–5
15
25
45
65
85
TEMPERATURE (°C)
L = 4
M = 2
F = 1
Figure 102. Power Dissipation vs. Temperature
1.87
1.92
1.97
2.02
2.07
2.12
2.17
2.22
2.27
2.32
2.37
300 320 340 360 380 400 420 440 460 480 500 520 540
SAMPLE RATE (MHz)
L = 4, M = 2, F = 1
L = 2, M = 2, F = 2
Figure 103. Power Dissipation vs. fS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com