Electronic Components Datasheet Search
  English  ▼

X  

AD9680 Datasheet(PDF) 43 Page - Analog Devices

Part # AD9680
Description  Dual Analog-to-Digital Converter
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9680 Datasheet(HTML) 43 Page - Analog Devices

Back Button AD9680 Datasheet HTML 39Page - Analog Devices AD9680 Datasheet HTML 40Page - Analog Devices AD9680 Datasheet HTML 41Page - Analog Devices AD9680 Datasheet HTML 42Page - Analog Devices AD9680 Datasheet HTML 43Page - Analog Devices AD9680 Datasheet HTML 44Page - Analog Devices AD9680 Datasheet HTML 45Page - Analog Devices AD9680 Datasheet HTML 46Page - Analog Devices AD9680 Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 99 page
background image
Data Sheet
AD9680
Rev. C | Page 41 of 97
Absolute Maximum Input Swing
The absolute maximum input swing allowed at the inputs of the
AD9680 is 4.3 V p-p differential. Signals operating near or at
this level can cause permanent damage to the ADC.
VOLTAGE REFERENCE
A stable and accurate 1.0 V voltage reference is built into the
AD9680. This internal 1.0 V reference is used to set the full-
scale input range of the ADC. The full-scale input range can
be adjusted via the ADC Function Register 0x025. For more
information on adjusting the input swing, see Table 36. Figure 131
shows the block diagram of the internal 1.0 V reference controls.
ADC
CORE
FULL-SCALE
VOLTAGE
ADJUST
V_1P0 PIN
CONTROL SPI
REGISTER
(0x025, 0x02,
AND 0x024)
V_1P0
VIN–A/
VIN–B
VIN+A/
VIN+B
INTERNAL
V_1P0
GENERATOR
INPUT FULL-SCALE
RANGE ADJUST
SPI REGISTER
(0x025, 0x02,
AND 0x024)
Figure 131. Internal Reference Configuration and Controls
The SPI Register 0x024 enables the user to either use this internal
1.0 V reference, or to provide an external 1.0 V reference. When
using an external voltage reference, provide a 1.0 V reference.
The full-scale adjustment is made using the SPI, irrespective of
the reference voltage. For more information on adjusting the
full-scale level of the AD9680, refer to the Memory Map Register
Table section.
The use of an external reference may be necessary, in some
applications, to enhance the gain accuracy of the ADC or to
improve thermal drift characteristics. Figure 132 shows the
typical drift characteristics of the internal 1.0 V reference.
–50
0
25
90
TEMPERATURE (°C)
0.9998
0.9999
1.0000
1.0001
1.0002
1.0003
1.0004
1.0005
1.0006
1.0007
1.0008
1.0009
1.0010
Figure 132. Typical V_1P0 Drift
The external reference must be a stable 1.0 V reference. The
ADR130 is a good option for providing the 1.0 V reference.
Figure 133 shows how the ADR130 can be used to provide the
external 1.0 V reference to the AD9680. The grayed out areas
show unused blocks within the AD9680 while using the
ADR130 to provide the external reference.
FULL-SCALE
VOLTAGE
ADJUST
V_1P0
0.1µF
VOUT 4
SET
5
NC
6
VIN
3
GND
2
NC
1
ADR130
0.1µF
INPUT
FULL-SCALE
CONTROL
INTERNAL
V_1P0
GENERATOR
Figure 133. External Reference Using ADR130



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com