Electronic Components Datasheet Search
  English  ▼

X  

AD9680 Datasheet(PDF) 57 Page - Analog Devices

Part # AD9680
Description  Dual Analog-to-Digital Converter
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9680 Datasheet(HTML) 57 Page - Analog Devices

Back Button AD9680 Datasheet HTML 53Page - Analog Devices AD9680 Datasheet HTML 54Page - Analog Devices AD9680 Datasheet HTML 55Page - Analog Devices AD9680 Datasheet HTML 56Page - Analog Devices AD9680 Datasheet HTML 57Page - Analog Devices AD9680 Datasheet HTML 58Page - Analog Devices AD9680 Datasheet HTML 59Page - Analog Devices AD9680 Datasheet HTML 60Page - Analog Devices AD9680 Datasheet HTML 61Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 99 page
background image
Data Sheet
AD9680
Rev. C | Page 55 of 97
NCO FREQUENCY TUNING WORD (FTW) SELECTION
12-BIT NCO FTW = MIXING FREQUENCY/ADC SAMPLE RATE × 4096
QUADRATURE ANALOG MIXER +
2 ADCs + QUADRATURE DIGITAL
MIXER + NCO
COMPLEX INPUT—SAMPLED AT
fS
–
fS/2
–
fS/3
–
fS/4
–
fS/8
fS/16
fS/8
fS/4
fS/3
fS/2
–
fS/16
–
fS/32
fS/32
–
fS/32
fS/32
DC
DC
12-BIT NCO FTW =
ROUND ((
fS/3)/fS × 4096) = +1365 (0x555)
BANDWIDTH OF
INTEREST
POSITIVE FTW VALUES
IMAGE DUE TO
ANALOG I/Q
MISMATCH
REAL
I
Q
QUADRATURE MIXER
I
Q
I
–
+
Q
Q
I
Q
+
+
Q
I
I
COMPLEX
I
Q
ADC
SAMPLING
AT
fS
ADC
SAMPLING
AT
fS
90°
PHASE
12-BIT
NCO
90°
0°
Figure 149. DDC NCO Frequency Tuning Word Selection—Complex Inputs
DDC NCO PLUS MIXER LOSS AND SFDR
When mixing a real input signal down to baseband, 6 dB of loss
is introduced in the signal due to filtering of the negative image.
An additional 0.05 dB of loss is introduced by the NCO. The
total loss of a real input signal mixed down to baseband is 6.05 dB.
For this reason, it is recommended that the user compensate for
this loss by enabling the additional 6 dB of gain in the gain stage
of the DDC to recenter the dynamic range of the signal within
the full scale of the output bits.
When mixing a complex input signal down to baseband, the
maximum value each I/Q sample can reach is 1.414 × full scale
after it passes through the complex mixer. To avoid overrange
of the I/Q samples and to keep the data bitwidths aligned with
real mixing, 3.06 dB of loss (0.707 × full scale) is introduced in
the mixer for complex signals. An additional 0.05 dB of loss is
introduced by the NCO. The total loss of a complex input signal
mixed down to baseband is −3.11 dB.
The worst case spurious signal from the NCO is greater than
102 dBc SFDR for all output frequencies.
NUMERICALLY CONTROLLED OSCILLATOR
The AD9680 has a 12-bit NCO for each DDC that enables the
frequency translation process. The NCO allows the input
spectrum to be tuned to dc, where it can be effectively filtered
by the subsequent filter blocks to prevent aliasing. The NCO
can be set up by providing a frequency tuning word (FTW) and
a phase offset word (POW).
Setting Up the NCO FTW and POW
The NCO frequency value is given by the 12-bit twos
complement number entered in the NCO FTW. Frequencies
between −fS/2 and fS/2 (fS/2 excluded) are represented using the
following frequency words:
•
0x800 represents a frequency of –fS/2.
•
0x000 represents dc (frequency is 0 Hz).
•
0x7FF represents a frequency of +fS/2 – fS/212.
The NCO frequency tuning word can be calculated using the
following equation:


=
S
S
C
f
f
f
Mod
round
FTW
NCO
)
,
(
2
_
12
where:
NCO_FTW is a 12-bit twos complement number representing
the NCO FTW.
fS is the AD9680 sampling frequency (clock rate) in Hz.
fC is the desired carrier frequency in Hz.
Mod( ) is a remainder function. For example, Mod(110,100) =
10, and for negative numbers, Mod(–32, 10) = –2.
round( ) is a rounding function. For example, round(3.6) = 4,
and for negative numbers, round(–3.4)= –3.
Note that this equation applies to the aliasing of signals in the
digital domain (that is, aliasing introduced when digitizing
analog signals).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com