Electronic Components Datasheet Search
  English  ▼

X  

AD9680 Datasheet(PDF) 80 Page - Analog Devices

Part # AD9680
Description  Dual Analog-to-Digital Converter
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9680 Datasheet(HTML) 80 Page - Analog Devices

Back Button AD9680 Datasheet HTML 76Page - Analog Devices AD9680 Datasheet HTML 77Page - Analog Devices AD9680 Datasheet HTML 78Page - Analog Devices AD9680 Datasheet HTML 79Page - Analog Devices AD9680 Datasheet HTML 80Page - Analog Devices AD9680 Datasheet HTML 81Page - Analog Devices AD9680 Datasheet HTML 82Page - Analog Devices AD9680 Datasheet HTML 83Page - Analog Devices AD9680 Datasheet HTML 84Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 99 page
background image
AD9680
Data Sheet
Rev. C | Page 78 of 97
TEST MODES
ADC TEST MODES
The AD9680 has various test options that aid in the system level
implementation. The AD9680 has ADC test modes that are
available in Register 0x550. These test modes are described in
Table 29. When an output test mode is enabled, the analog section
of the ADC is disconnected from the digital back-end blocks,
and the test pattern is run through the output formatting block.
Some of the test patterns are subject to output formatting, and
some are not. The PN generators from the PN sequence tests
can be reset by setting Bit 4 or Bit 5 of Register 0x550. These
tests can be performed with or without an analog signal (if
present, the analog signal is ignored); however, they do require
an encode clock.
If the application mode is set to select a DDC mode of
operation, the test modes must be enabled for each DDC
enabled. The test patterns can be enabled via Bit 2 and Bit 0 of
Register 0x327, Register 0x347, and Register 0x367, depending
on which DDC(s) are selected. The (I) data uses the test
patterns selected for Channel A, and the (Q) data uses the test
patterns selected for Channel B. For DDC3 only, the (I) data
uses the test patterns from Channel A, and the (Q) data does
not output test patterns. Bit 0 of Register 0x387 selects the
Channel A test patterns to be used for the (I) data. For more
information, see the AN-877 Application Note, Interfacing to
High Speed ADCs via SPI.
Table 29. ADC Test Modes1
Output Test Mode
Bit Sequence
Pattern Name
Expression
Default/
Seed Value
Sample (N, N + 1, N + 2, …)
0000
Off (default)
N/A
N/A
N/A
0001
Midscale short
00 0000 0000 0000
N/A
N/A
0010
+Full-scale short
01 1111 1111 1111
N/A
N/A
0011
−Full-scale short
10 0000 0000 0000
N/A
N/A
0100
Checkerboard
10 1010 1010 1010
N/A
0x1555, 0x2AAA, 0x1555, 0x2AAA, 0x1555
0101
PN sequence long
X23 + X18 + 1
0x3AFF
0x3FD7, 0x0002, 0x26E0, 0x0A3D, 0x1CA6
0110
PN sequence short
X9 + X5 + 1
0x0092
0x125B, 0x3C9A, 0x2660, 0x0c65, 0x0697
0111
One-/zero-word toggle
11 1111 1111 1111
N/A
0x0000, 0x3FFF, 0x0000, 0x3FFF, 0x0000
1000
User input
Register 0x551 to
Register 0x558
N/A
User Pattern 1[15:2], User Pattern 2[15:2],
User Pattern 3[15:2], User Pattern 4[15:2],
User Pattern 1[15:2] … for repeat mode
User Pattern 1[15:2], User Pattern 2[15:2],
User Pattern 3[15:2], User Pattern 4[15:2],
0x0000 … for single mode
1111
Ramp Output
(X) % 214
N/A
(X) % 214, (X +1) % 214, (X +2) % 214, (X +3) % 214
1
N/A means not applicable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com