Electronic Components Datasheet Search
  English  ▼

X  

AD9680 Datasheet(PDF) 61 Page - Analog Devices

Part # AD9680
Description  Dual Analog-to-Digital Converter
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9680 Datasheet(HTML) 61 Page - Analog Devices

Back Button AD9680 Datasheet HTML 57Page - Analog Devices AD9680 Datasheet HTML 58Page - Analog Devices AD9680 Datasheet HTML 59Page - Analog Devices AD9680 Datasheet HTML 60Page - Analog Devices AD9680 Datasheet HTML 61Page - Analog Devices AD9680 Datasheet HTML 62Page - Analog Devices AD9680 Datasheet HTML 63Page - Analog Devices AD9680 Datasheet HTML 64Page - Analog Devices AD9680 Datasheet HTML 65Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 99 page
background image
Data Sheet
AD9680
Rev. C | Page 59 of 97
HB2 Filter
The third decimate-by-2, half-band, low-pass FIR filter (HB2)
uses a 19-tap, symmetrical, fixed coefficient filter implementation
that is optimized for low power consumption. The HB2 filter is
only used when complex outputs (decimate by 4, 8, or 16) or
real outputs (decimate by 2, 4, or 8) are enabled; otherwise, the
filter is bypassed.
Table 21 and Figure 152 show the coefficients and response of
the HB2 filter.
Table 21. HB2 Filter Coefficients
HB2 Coefficient
Number
Normalized
Coefficient
Decimal Coefficient
(19-Bit)
C1, C19
0.000614
161
C2, C18
0
0
C3, C17
−0.005066
−1328
C4, C16
0
0
C5, C15
0.022179
5814
C6, C14
0
0
C7, C13
−0.073517
−19,272
C8, C12
0
0
C9, C11
0.305786
80,160
C10
0.500000
131,072
0
–120
–100
–80
–60
–40
–20
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
NORMALIZED FREQUENCY (× π RAD/SAMPLE)
Figure 152. HB2 Filter Response
HB1 Filter
The fourth and final decimate-by-2, half-band, low-pass FIR
filter (HB1) uses a 55-tap, symmetrical, fixed coefficient filter
implementation, optimized for low power consumption. The
HB1 filter is always enabled and cannot be bypassed. Table 22
and Figure 153 show the coefficients and response of the HB1
filter.
0
–120
–100
–80
–60
–40
–20
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
NORMALIZED FREQUENCY (× π RAD/SAMPLE)
Figure 153. HB1 Filter Response
Table 22. HB1 Filter Coefficients
HB1 Coefficient
Number
Normalized
Coefficient
Decimal Coefficient
(21-Bit)
C1, C55
−0.000023
−24
C2, C54
0
0
C3, C53
0.000097
102
C4, C52
0
0
C5, C51
−0.000288
−302
C6, C50
0
0
C7, C49
0.000696
730
C8, C48
0
0
C9, C47
−0.0014725
−1544
C10, C46
0
0
C11, C45
0.002827
2964
C12, C44
0
0
C13, C43
−0.005039
−5284
C14, C42
0
0
C15, C41
0.008491
8903
C16, C40
0
0
C17, C39
−0.013717
−14,383
C18, C38
0
0
C19, C37
0.021591
22,640
C20, C36
0
0
C21, C35
−0.033833
−35,476
C22, C34
0
0
C23, C33
0.054806
57,468
C24, C32
0
0
C25, C31
−0.100557
−105,442
C26, C30
0
0
C27, C29
0.316421
331,792
C28
0.500000
524,288



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com