Electronic Components Datasheet Search
  English  ▼

X  

AD9680 Datasheet(PDF) 95 Page - Analog Devices

Part # AD9680
Description  Dual Analog-to-Digital Converter
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9680 Datasheet(HTML) 95 Page - Analog Devices

Back Button AD9680 Datasheet HTML 91Page - Analog Devices AD9680 Datasheet HTML 92Page - Analog Devices AD9680 Datasheet HTML 93Page - Analog Devices AD9680 Datasheet HTML 94Page - Analog Devices AD9680 Datasheet HTML 95Page - Analog Devices AD9680 Datasheet HTML 96Page - Analog Devices AD9680 Datasheet HTML 97Page - Analog Devices AD9680 Datasheet HTML 98Page - Analog Devices AD9680 Datasheet HTML 99Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 95 / 99 page
background image
Data Sheet
AD9680
Rev. C | Page 93 of 97
Reg
Addr
(Hex)
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Notes
0x574
JESD204B
Link Mode
Control 4
ILAS delay
0000 = transmit ILAS on first LMFC after SYNCINB±
deasserted
0001 = transmit ILAS on second LMFC after
SYNCINB± deasserted
…
1111 = transmit ILAS on 16th LMFC after SYNCINB±
deasserted
0
Link layer test mode
000 = normal operation (link layer test
mode disabled)
001 = continuous sequence of /D21.5/
characters
100 = modified RPAT test sequence
101 = JSPAT test sequence
110 = JTSPAT test sequence
0x00
0x578
JESD204B
LMFC offset
0
0
0
LMFC phase offset value[4:0]
0x00
0x580
JESD204B
DID config
JESD204B Tx DID value[7:0]
0x00
0x581
JESD204B
BID config
0
0
0
0
JESD204B Tx BID value, Bits[3:0]
0x00
0x583
JESD204B LID
Config 1
0
0
0
Lane 0 LID value, Bits[4:0]
0x00
0x584
JESD204B LID
Config 2
0
0
0
Lane 1 LID value, Bits[4:0]
0x01
0x585
JESD204B LID
Config 3
0
0
0
Lane 2 LID value, Bits[4:0]
0x01
0x586
JESD204B LID
Config 4
0
0
0
Lane 3 LID value, Bits[4:0]
0x03
0x58B
JESD204B
parameters
SCR/L
JESD204B
scrambling
(SCR)
0 =
disabled
1 =
enabled
0
0
0
0
0
JESD204B lanes (L)
00 = 1 lane
01 = 2 lanes
11 = 4 lanes
Read only, see
Register 0x570
0x8X
0x58C
JESD204B F
config
Number of octets per frame, F = Register 0x58C[7:0] + 1
0x88
Read
only,
see Reg.
0x570
0x58D
JESD204B K
config
0
0
0
Number of frames per multiframe, K = Register 0x58D[4:0] + 1
Only values where (F × K) mod 4 = 0 are supported
0x1F
See Reg.
0x570
0x58E
JESD204B M
config
Number of Converters per Link[7:0]
0x00 = link connected to one virtual converter (M = 1)
0x01 = link connected to two virtual converters (M = 2)
0x03 = link connected to four virtual converters (M = 4)
0x07 = link connected to eight virtual converters (M = 8)
Read
only
0x58F
JESD204B
CS/N config
Number of control bits
(CS) per sample
00 = no control bits
(CS = 0)
01 = 1 control bit (CS =
1); Control Bit 2 only
10 = 2 control bits
(CS = 2); Control Bit 2
and 1 only
11 = 3 control bits
(CS = 3); all control bits
(2, 1, 0)
0
ADC converter resolution (N)
0x06 = 7-bit resolution
0x07 = 8-bit resolution
0x08 = 9-bit resolution
0x09 = 10-bit resolution
0x0A = 11-bit resolution
0x0B = 12-bit resolution
0x0C = 13-bit resolution
0x0D = 14-bit resolution
0x0E = 15-bit resolution
0x0F = 16-bit resolution
0x0F
0x590
JESD204B N’
config
0
0
Subclass
support
(Subclass V)
0 =
Subclass 0
(no deter-
ministic
latency)
1 =
Subclass 1
ADC number of bits per sample (N’)
0x7 = 8 bits
0xF = 16 bits
0x2F
0x591
JESD204B S
config
0
0
1
Samples per converter frame cycle (S)
S value = Register 0x591[4:0] + 1
0x20
Read
only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com