Electronic Components Datasheet Search
  English  ▼

X  

AD9680 Datasheet(PDF) 67 Page - Analog Devices

Part # AD9680
Description  Dual Analog-to-Digital Converter
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9680 Datasheet(HTML) 67 Page - Analog Devices

Back Button AD9680 Datasheet HTML 63Page - Analog Devices AD9680 Datasheet HTML 64Page - Analog Devices AD9680 Datasheet HTML 65Page - Analog Devices AD9680 Datasheet HTML 66Page - Analog Devices AD9680 Datasheet HTML 67Page - Analog Devices AD9680 Datasheet HTML 68Page - Analog Devices AD9680 Datasheet HTML 69Page - Analog Devices AD9680 Datasheet HTML 70Page - Analog Devices AD9680 Datasheet HTML 71Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 99 page
background image
Data Sheet
AD9680
Rev. C | Page 65 of 97
8-BIT/10-BIT
ENCODER
SERDOUT0±
SERDOUT1±
TAIL BITS
0x571[6]
SERIALIZER
ADC
SYMBOL0
SYMBOL1
A13
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
C2
C1
C0
MSB
LSB
CONTROL BITS
ADC TEST PATTERNS
(RE0x550,
REG 0x551 TO
REG 0x558)
JESD204B SAMPLE
CONSTRUCTION
JESD204B
INTERFACE
TEST PATTERN
(REG 0x573,
REG 0x551 TO
REG 0x558)
FRAME
CONSTRUCTION
JESD204B DATA
LINK LAYER TEST
PATTERNS
REG 0x574[2:0]
SCRAMBLER
1 + x14 + x15
(OPTIONAL)
A13
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
C2
T
MSB
LSB
S7
S6
S5
S4
S3
S2
S1
S0
S7
S6
S5
S4
S3
S2
S1
S0
MSB
LSB
a b c d e f g h i j
a b c d e f g h i j
a b
i j a b
i j
JESD204B
LONG TRANSPORT
TEST PATTERN
REG 0x571[5]
Figure 156. ADC Output Data Path Showing Data Framing
TRANSPORT
LAYER
PHYSICAL
LAYER
DATA LINK
LAYER
Tx
OUTPUT
SAMPLE
CONSTRUCTION
FRAME
CONSTRUCTION
SCRAMBLER
ALIGNMENT
CHARACTER
GENERATION
8-BIT/10-BIT
ENCODER
CROSSBAR
MUX
SERIALIZER
PROCESSED
SAMPLES
FROM ADC
SYSREF±
SYNCINB±
Figure 157. Data Flow
FUNCTIONAL OVERVIEW
The block diagram in Figure 157 shows the flow of data through
the JESD204B hardware from the sample input to the physical
output. The processing can be divided into layers that are
derived from the open source initiative (OSI) model widely
used to describe the abstraction layers of communications
systems. These layers are the transport layer, data link layer,
and physical layer (serializer and output driver).
Transport Layer
The transport layer handles packing the data (consisting of
samples and optional control bits) into JESD204B frames that
are mapped to 8-bit octets. These octets are sent to the data link
layer. The transport layer mapping is controlled by rules derived
from the link parameters. Tail bits are added to fill gaps where
required. The following equation can be used to determine the
number of tail bits within a sample (JESD204B word):
T = N΄ – N – CS
Data Link Layer
The data link layer is responsible for the low level functions
of passing data across the link. These include optionally
scrambling the data, inserting control characters for multichip
synchronization/lane alignment/monitoring, and encoding
8-bit octets into 10-bit symbols. The data link layer is also
responsible for sending the initial lane alignment sequence
(ILAS), which contains the link configuration data used by the
receiver to verify the settings in the transport layer.
Physical Layer
The physical layer consists of the high speed circuitry clocked at
the serial clock rate. In this layer, parallel data is converted into
one, two, or four lanes of high speed differential serial data.
JESD204B LINK ESTABLISHMENT
The AD9680 JESD204B transmitter (Tx) interface operates in
Subclass 1 as defined in the JEDEC Standard 204B (July 2011
specification). The link establishment process is divided into the
following steps: code group synchronization and SYNCINB±,
initial lane alignment sequence, and user data and error correction.
Code Group Synchronization (CGS) and SYNCINB±
The CGS is the process by which the JESD204B receiver finds
the boundaries between the 10-bit symbols in the stream of
data. During the CGS phase, the JESD204B transmit block
transmits /K28.5/ characters. The receiver must locate /K28.5/
characters in its input data stream using clock and data recovery
(CDR) techniques.
The receiver issues a synchronization request by asserting the
SYNCINB± pin of the AD9680 low. The JESD204B Tx then begins
sending /K/ characters. Once the receiver has synchronized, it waits
for the correct reception of at least four consecutive /K/ symbols. It
then deasserts SYNCINB±. The AD9680 then transmits an ILAS
on the following local multiframe clock (LMFC) boundary.
For more information on the code group synchronization
phase, refer to the JEDEC Standard JESD204B, July 2011,
Section 5.3.3.1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com