Electronic Components Datasheet Search
  English  ▼

X  

AD9680 Datasheet(PDF) 87 Page - Analog Devices

Part # AD9680
Description  Dual Analog-to-Digital Converter
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9680 Datasheet(HTML) 87 Page - Analog Devices

Back Button AD9680 Datasheet HTML 83Page - Analog Devices AD9680 Datasheet HTML 84Page - Analog Devices AD9680 Datasheet HTML 85Page - Analog Devices AD9680 Datasheet HTML 86Page - Analog Devices AD9680 Datasheet HTML 87Page - Analog Devices AD9680 Datasheet HTML 88Page - Analog Devices AD9680 Datasheet HTML 89Page - Analog Devices AD9680 Datasheet HTML 90Page - Analog Devices AD9680 Datasheet HTML 91Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 99 page
background image
Data Sheet
AD9680
Rev. C | Page 85 of 97
Reg
Addr
(Hex)
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Notes
ADC Function Registers
0x024
V_1P0
control
0
0
0
0
0
0
0
1.0 V
reference
select
0 =
internal
1 =
external
0x00
0x028
Temperature
diode
0
0
0
0
0
0
0
Diode
selection
0 =
no diode
selected
1 =
temper-
ature
diode
selected
0x00
Used in
conjunc-
tion with
Reg.
0x040
0x03F
PDWN/
STBY pin
control (local)
0 = PDWN/
STBY
enabled
1 =
disabled
0
0
0
0
0
0
0
0x00
Used in
conjunc-
tion with
Reg.
0x040
0x040
Chip pin
control
PDWN/STBY function
00 = power down
01 = standby
10 = disabled
Fast Detect B (FD_B)
000 = Fast Detect B output
001 = JESD204B LMFC output
010 = JESD204B internal SYNC~ output
111 = disabled
Fast Detect A (FD_A)
000 = Fast Detect A output
001 = JESD204B LMFC output
010 = JESD204B internal SYNC~ output
011 = temperature diode
111 = disabled
0x3F
0x10B
Clock divider
0
0
0
0
0
000 = divide by 1
001 = divide by 2
011 = divide by 4
111 = divide by 8
0x00
0x10C
Clock divider
phase (local)
0
0
0
0
Independently controls Channel A and Channel B clock
divider phase offset
0000 = 0 input clock cycles delayed
0001 = ½ input clock cycles delayed
0010 = 1 input clock cycles delayed
0011 = 1½ input clock cycles delayed
0100 = 2 input clock cycles delayed
0101 = 2½ input clock cycles delayed
…
1111 = 7½ input clock cycles delayed
0x00
0x10D
Clock divider
and SYSREF
control
Clock
divider
auto phase
adjust
0 =
disabled
1 =
enabled
0
0
0
Clock divider negative
skew window
00 = no negative skew
01 = 1 device clock of
negative skew
10 = 2 device clocks of
negative skew
11 = 3 device clocks of
negative skew
Clock divider positive
skew window
00 = no positive skew
01 = 1 device clock of
positive skew
10 = 2 device clocks of
positive skew
11 = 3 device clocks of
positive skew
0x00
Clock
divider
must be
>1
0x117
Clock delay
control
0
0
0
0
0
0
0
Clock fine
delay
adjust
enable
0 =
disabled
1 =
enabled
0x00
Enabling
the clock
fine delay
adjust
causes a
datapath
reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com