Electronic Components Datasheet Search
  English  ▼

X  

AD9680 Datasheet(PDF) 39 Page - Analog Devices

Part # AD9680
Description  Dual Analog-to-Digital Converter
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9680 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9680 Datasheet HTML 35Page - Analog Devices AD9680 Datasheet HTML 36Page - Analog Devices AD9680 Datasheet HTML 37Page - Analog Devices AD9680 Datasheet HTML 38Page - Analog Devices AD9680 Datasheet HTML 39Page - Analog Devices AD9680 Datasheet HTML 40Page - Analog Devices AD9680 Datasheet HTML 41Page - Analog Devices AD9680 Datasheet HTML 42Page - Analog Devices AD9680 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 99 page
background image
Data Sheet
AD9680
Rev. C | Page 37 of 97
and noise performance. These register settings do not impact the
AVDD3 power as much as Register 0x018 does. For frequencies
<500 MHz, it is recommended to use the default settings for
these registers. Table 10 shows the recommended values for the
buffer current control registers for various speed grades.
Register 0x11A is used when sampling in higher Nyquist zones
(>500 MHz for the AD9680-1000). This setting enables the ADC
sampling network to optimize the sampling and settling times
internal to the ADC for high frequency operation. For frequencies
greater than 500 MHz, it is recommended to operate the ADC core
at a 1.46 V full-scale setting irrespective of the speed grade. This
setting offers better SFDR without any significant penalty in SNR.
Figure 118, Figure 119, and Figure 120 show the SFDR vs.
analog input frequency for various buffer settings for the
AD9680-1250. The recommended settings shown in Table 10
were used to take the data while changing the contents of
Register 0x018 only.
60
65
70
75
80
85
INPUT FREQUENCY (MHz)
10.3
147.3
212.3
290.3
355.3
433.3
511.3
589.3
667.3
250MHz
350MHz
450MHz
550MHz
Figure 118. Buffer Current Sweeps, AD9680-1250 (SFDR vs. IBUFF);
fIN < 500 MHz; Front-End Network Shown in Figure 115
55
60
65
70
75
80
INPUT FREQUENCY (MHz)
602.3
680.3
758.3
836.3
914.3
992.3 1070.3 1148.3 1226.3
350MHz
450MHz
550MHz
650MHz
Figure 119. Buffer Current Sweeps, AD9680-1250 (SFDR vs. IBUFF);
600 MHz < fIN < 1300 MHz; Front-End Network Shown in Figure 115
58
60
64
68
72
62
66
70
74
76
INPUT FREQUENCY (MHz)
650MHz
750MHz
850MHz
1304.3
1408.3
1512.3
1616.3
1720.3
1824.3
1928.3
Figure 120. Buffer Current Sweeps, AD9680-1250 (SFDR vs. IBUFF);
1300 MHz < fIN < 2000 MHz; Front-End Network Shown in Figure 115
Figure 121, Figure 122, and Figure 123 show the SFDR vs.
analog input frequency for various buffer settings for the
AD9680-1000. The recommended settings shown in Table 10
were used to take the data while changing the contents of
Register 0x018 only.
50
55
60
65
70
75
80
85
90
10
60
110
160
210
260
310
360
410
460
ANALOG INPUT FREQUENCY (MHz)
1.5×
3.0×
4.5×
Figure 121. Buffer Current Sweeps, AD9680-1000 (SFDR vs. IBUFF);
fIN < 500 MHz; Front-End Network Shown in Figure 115
40
45
50
55
60
65
70
75
80
85
ANALOG INPUT FREQUENCY (MHz)
503.4
677.6
851.9
1026.2
1200.5
1374.8
4.0×
5.0×
6.0×
Figure 122. Buffer Current Sweeps, AD9680-1000 (SFDR vs. IBUFF);
500 MHz < fIN < 1500 MHz; Front-End Network Shown in Figure 115



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com