Electronic Components Datasheet Search
  English  ▼

X  

AD9680 Datasheet(PDF) 44 Page - Analog Devices

Part # AD9680
Description  Dual Analog-to-Digital Converter
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9680 Datasheet(HTML) 44 Page - Analog Devices

Back Button AD9680 Datasheet HTML 40Page - Analog Devices AD9680 Datasheet HTML 41Page - Analog Devices AD9680 Datasheet HTML 42Page - Analog Devices AD9680 Datasheet HTML 43Page - Analog Devices AD9680 Datasheet HTML 44Page - Analog Devices AD9680 Datasheet HTML 45Page - Analog Devices AD9680 Datasheet HTML 46Page - Analog Devices AD9680 Datasheet HTML 47Page - Analog Devices AD9680 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 99 page
background image
AD9680
Data Sheet
Rev. C | Page 42 of 97
CLOCK INPUT CONSIDERATIONS
For optimum performance, drive the AD9680 sample clock
inputs (CLK+ and CLK−) with a differential signal. This signal
is typically ac-coupled to the CLK+ and CLK− pins via a
transformer or clock drivers. These pins are biased internally
and require no additional biasing.
Figure 134 shows a preferred method for clocking the AD9680.
The low jitter clock source is converted from a single-ended
signal to a differential signal using an RF transformer.
ADC
CLK+
CLK–
0.1µF
0.1µF
100Ω
50Ω
CLOCK
INPUT
1:1Z
Figure 134. Transformer-Coupled Differential Clock
Another option is to ac couple a differential CML or LVDS
signal to the sample clock input pins, as shown in Figure 135
and Figure 136.
ADC
CLK+
CLK–
0.1µF
0.1µF
Z0 = 50Ω
Z0 = 50Ω
33Ω
33Ω
71Ω
10pF
3.3V
Figure 135. Differential CML Sample Clock
ADC
CLK+
CLK–
0.1µF
0.1µF
0.1µF
0.1µF
50Ω1
50Ω1
100Ω
CLOCK INPUT
LVDS
DRIVER
CLK+
CLK–
1
50Ω RESISTORS ARE OPTIONAL.
CLOCK INPUT
Figure 136. Differential LVDS Sample Clock
Clock Duty Cycle Considerations
Typical high speed ADCs use both clock edges to generate a
variety of internal timing signals. As a result, these ADCs may
be sensitive to clock duty cycle. Commonly, a 5% tolerance is
required on the clock duty cycle to maintain dynamic performance
characteristics. In applications where the clock duty cycle cannot
be guaranteed to be 50%, a higher multiple frequency clock can be
supplied to the device. The AD9680 can be clocked at 2 GHz with
the internal clock divider set to 2. The output of the divider offers
a 50% duty cycle, high slew rate (fast edge) clock signal to the
internal ADC. See the Memory Map section for more details on
using this feature.
Input Clock Divider
The AD9680 contains an input clock divider with the ability to
divide the Nyquist input clock by 1, 2, 4, and 8. The divider
ratios can be selected using Register 0x10B. This is shown in
Figure 137.
The maximum frequency at the CLK± inputs is 4 GHz. This is
the limit of the divider. In applications where the clock input is
a multiple of the sample clock, care must be taken to program
the appropriate divider ratio into the clock divider before applying
the clock signal. This ensures that the current transients during
device startup are controlled.
CLK+
CLK–
÷2
÷4
REG 0x10B
÷8
Figure 137. Clock Divider Circuit
The AD9680 clock divider can be synchronized using the
external SYSREF± input. A valid SYSREF± causes the clock
divider to reset to a programmable state. This synchronization
feature allows multiple devices to have their clock dividers
aligned to guarantee simultaneous input sampling. See the
Multichip Synchronization section for more information.
Input Clock Divider ½ Period Delay Adjust
The input clock divider inside the AD9680 provides phase delay
in increments of ½ the input clock cycle. Register 0x10C can be
programmed to enable this delay independently for each channel.
Changing this register does not affect the stability of the
JESD204B link.
Clock Fine Delay Adjust
The AD9680 sampling edge instant can be adjusted by writing to
Register 0x117 and Register 0x118. Setting Bit 0 of Register 0x117
enables the feature, and Bits[7:0] of Register 0x118 set the value
of the delay. This value can be programmed individually for
each channel. The clock delay can be adjusted from −151.7 ps
to +150 ps in ~1.7 ps increments. The clock delay adjust takes
effect immediately when it is enabled via SPI writes. Enabling
the clock fine delay adjust in Register 0x117 causes a datapath
reset. However, the contents of Register 0x118 can be changed
without affecting the stability of the JESD204B link.
Clock Jitter Considerations
High speed, high resolution ADCs are sensitive to the quality
of the clock input. The degradation in SNR at a given input
frequency (fA) due only to aperture jitter (tJ) can be calculated by
SNR = 20 × log 10 (2 × π × fA × tJ)
In this equation, the rms aperture jitter represents the root
mean square of all jitter sources, including the clock input,
analog input signal, and ADC aperture jitter specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com