Electronic Components Datasheet Search
  English  ▼

X  

AD9680 Datasheet(PDF) 32 Page - Analog Devices

Part # AD9680
Description  Dual Analog-to-Digital Converter
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9680 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9680 Datasheet HTML 28Page - Analog Devices AD9680 Datasheet HTML 29Page - Analog Devices AD9680 Datasheet HTML 30Page - Analog Devices AD9680 Datasheet HTML 31Page - Analog Devices AD9680 Datasheet HTML 32Page - Analog Devices AD9680 Datasheet HTML 33Page - Analog Devices AD9680 Datasheet HTML 34Page - Analog Devices AD9680 Datasheet HTML 35Page - Analog Devices AD9680 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 99 page
background image
AD9680
Data Sheet
Rev. C | Page 30 of 97
–140
–120
–100
–80
–60
–40
–20
0
0
25
50
75
100
125
150
175
200
225
250
FREQUENCY (MHz)
AIN = −1dBFS
SNR = 63.0dBFS
ENOB = 10.0 BITS
SFDR = 69dBFS
BUFFER CONTROL 1 = 8.0×
Figure 86. Single-Tone FFT with fIN = 1310.3 MHz
–140
–120
–100
–80
–60
–40
–20
0
0
25
50
75
100
125
150
175
200
225
250
FREQUENCY (MHz)
AIN = −1dBFS
SNR = 61.5dBFS
ENOB = 9.8 BITS
SFDR = 69dBFS
BUFFER CONTROL 1 = 8.0×
Figure 87. Single-Tone FFT with fIN = 1710.3 MHz
–140
–120
–100
–80
–60
–40
–20
0
0
25
50
75
100
125
150
175
200
225
250
FREQUENCY (MHz)
AIN = −1dBFS
SNR = 60.8dBFS
ENOB = 9.6 BITS
SFDR = 68dBFS
BUFFER CONTROL 1 = 8.0×
Figure 88. Single-Tone FFT with fIN = 1950.3 MHz
60
65
70
75
80
85
90
95
300 320 340 360 380 400
SAMPLE FREQUENCY (MHz)
420 440 460 480 500 530 550
SFDR
SNR
Figure 89. SNR/SFDR vs. fS, fIN = 170.3 MHz; Buffer Control 1 = 2.0×
50
60
70
80
90
100
10.3
95.3
150.3
180.3
240.3
301.3
340.7
390.3
450.3
ANALOG INPUT FREQUENCY (MHz)
2.0× SNR
2.0× SFDR
4.5× SNR
4.5× SFDR
Figure 90. SNR/SFDR vs. fIN; fIN < 500 MHz;
Buffer Control 1 (0x018) = 2.0× and 4.5×
50
60
70
80
90
100
450.3
480.3
510.3
515.3
610.3
765.3
810.3
985.3
1010.3
ANALOG INPUT FREQUENCY (MHz)
4.0× SNR
4.0× SFDR
8.0× SNR
8.0× SFDR
Figure 91. SNR/SFDR vs. fIN; 500 MHz < fIN < 1 GHz;
Buffer Control 1 (0x018) = 4.0× and 8.0×



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com