Electronic Components Datasheet Search
  English  ▼

X  

AD9680 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9680
Description  Dual Analog-to-Digital Converter
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9680 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9680 Datasheet HTML 7Page - Analog Devices AD9680 Datasheet HTML 8Page - Analog Devices AD9680 Datasheet HTML 9Page - Analog Devices AD9680 Datasheet HTML 10Page - Analog Devices AD9680 Datasheet HTML 11Page - Analog Devices AD9680 Datasheet HTML 12Page - Analog Devices AD9680 Datasheet HTML 13Page - Analog Devices AD9680 Datasheet HTML 14Page - Analog Devices AD9680 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 99 page
background image
Data Sheet
AD9680
Rev. C | Page 9 of 97
SWITCHING SPECIFICATIONS
AVDD1 = 1.25 V, AVDD2 = 2.5 V, AVDD3 = 3.3 V, AVDD1_SR = 1.25 V, DVDD = 1.25 V, DRVDD = 1.25 V, SPIVDD = 1.8 V, specified
maximum sampling rate for each speed grade, AIN = −1.0 dBFS, default SPI settings, TA = 25°C, unless otherwise noted.
Table 4.
AD9680-500
AD9680-820
AD9680-1000
AD9680-1250
Parameter
Temp
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
CLOCK
Clock Rate (at
CLK+/CLK− Pins)
Full
0.3
4
0.3
4
0.3
4
0.3
4
GHz
Maximum Sample Rate1
Full
500
820
1000
1250
MSPS
Minimum Sample Rate2
Full
300
300
300
300
MSPS
Clock Pulse Width High
Full
1000
609.7
500
400
ps
Clock Pulse Width Low
Full
1000
609.7
500
400
ps
OUTPUT PARAMETERS
Unit Interval (UI)3
Full
80
200
80
121.95
80
100
80
80
ps
Rise Time (tR) (20% to
80% into 100 Ω Load)
25°C
24
32
24
32
24
32
24
32
ps
Fall Time (tF) (20% to 80%
into 100 Ω Load)
25°C
24
32
24
32
24
32
24
32
ps
PLL Lock Time
25°C
2
2
2
2
ms
Data Rate per Channel
(NRZ)4
25°C
3.125
5
12.5
3.125
8.2
12.5
3.125
10
12.5
3.1215
12.5
12.5
Gbps
LATENCY5
Pipeline Latency
Full
55
55
55
55
Clock
cycles
Fast Detect Latency
Full
28
28
28
28
Clock
cycles
Wake-Up Time6
Standby
25°C
1
1
1
1
ms
Power-Down
25°C
4
4
4
4
ms
APERTURE
Aperture Delay (tA)
Full
530
530
530
530
ps
Aperture Uncertainty
(Jitter, tJ)
Full
55
55
55
55
fS rms
Out-of-Range Recovery
Time
Full
1
1
1
1
Clock
cycles
1
The maximum sample rate is the clock rate after the divider.
2
The minimum sample rate operates at 300 MSPS with L = 2 or L = 1.
3
Baud rate = 1/UI. A subset of this range can be supported.
4
Default L = 4. This number can be changed based on the sample rate and decimation ratio.
5
No DDCs used. L = 4, M = 2, F = 1.
6
Wake-up time is defined as the time required to return to normal operation from power-down mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com