Electronic Components Datasheet Search
  English  ▼

X  

AD9680 Datasheet(PDF) 36 Page - Analog Devices

Part # AD9680
Description  Dual Analog-to-Digital Converter
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9680 Datasheet(HTML) 36 Page - Analog Devices

Back Button AD9680 Datasheet HTML 32Page - Analog Devices AD9680 Datasheet HTML 33Page - Analog Devices AD9680 Datasheet HTML 34Page - Analog Devices AD9680 Datasheet HTML 35Page - Analog Devices AD9680 Datasheet HTML 36Page - Analog Devices AD9680 Datasheet HTML 37Page - Analog Devices AD9680 Datasheet HTML 38Page - Analog Devices AD9680 Datasheet HTML 39Page - Analog Devices AD9680 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 99 page
background image
AD9680
Data Sheet
Rev. C | Page 34 of 97
30kΩ
ESD
PROTECTED
ESD
PROTECTED
1kΩ
SPIVDD
CSB
Figure 110. CSB Input
30kΩ
ESD
PROTECTED
ESD
PROTECTED
1kΩ
SPIVDD
SPIVDD
SDI
SDIO
SDO
Figure 111. SDIO Input
ESD
PROTECTED
ESD
PROTECTED
SPIVDD
FD_A/FD_B
FD
JESD LMFC
FD_x PIN CONTROL (SPI)
JESD SYNC~
TEMPERATURE DIODE
(FD_A ONLY)
Figure 112. FD_A/FD_B Outputs
ESD
PROTECTED
ESD
PROTECTED
1kΩ
SPIVDD
PDWN/
STBY
PDWN
CONTROL (SPI)
Figure 113. PDWN/STBY Input
ESD
PROTECTED
ESD
PROTECTED
V_1P0
V_1P0 PIN
CONTROL (SPI)
AVDD2
Figure 114. V_1P0 Input/Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com