Electronic Components Datasheet Search
  English  ▼

X  

AD9680 Datasheet(PDF) 56 Page - Analog Devices

Part # AD9680
Description  Dual Analog-to-Digital Converter
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9680 Datasheet(HTML) 56 Page - Analog Devices

Back Button AD9680 Datasheet HTML 52Page - Analog Devices AD9680 Datasheet HTML 53Page - Analog Devices AD9680 Datasheet HTML 54Page - Analog Devices AD9680 Datasheet HTML 55Page - Analog Devices AD9680 Datasheet HTML 56Page - Analog Devices AD9680 Datasheet HTML 57Page - Analog Devices AD9680 Datasheet HTML 58Page - Analog Devices AD9680 Datasheet HTML 59Page - Analog Devices AD9680 Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 99 page
background image
AD9680
Data Sheet
Rev. C | Page 54 of 97
FREQUENCY TRANSLATION
FREQUENCY TRANSLATION GENERAL DESCRIPTION
Frequency translation is accomplished by using a 12-bit
complex NCO along with a digital quadrature mixer. The
frequency translation translates either a real or complex input
signal from an intermediate frequency (IF) to a baseband
complex digital output (carrier frequency = 0 Hz).
The frequency translation stage of each DDC can be controlled
individually and supports four different IF modes using Bits[5:4] of
the DDC control registers (Register 0x310, Register 0x330,
Register 0x350, and Register 0x370). These IF modes are
•
Variable IF mode
•
0 Hz IF (ZIF) mode
•
fS/4 Hz IF mode
•
Test mode
Variable IF Mode
NCO and mixers are enabled. NCO output frequency can be
used to digitally tune the IF frequency.
0 Hz IF (ZIF) Mode
Mixers are bypassed and the NCO is disabled.
fS/4 Hz IF Mode
Mixers and NCO are enabled in special down mixing by fS/4
mode to save power.
Test Mode
Input samples are forced to 0.999 to positive full scale. NCO is
enabled. This test mode allows the NCOs to directly drive the
decimation filters.
Figure 148 and Figure 149 show examples of the frequency
translation stage for both real and complex inputs.
BANDWIDTH OF
INTEREST
BANDWIDTH OF
INTEREST IMAGE
NCO FREQUENCY TUNING WORD (FTW) SELECTION
12-BIT NCO FTW = MIXING FREQUENCY/ADC SAMPLE RATE × 4096
ADC + DIGITAL MIXER + NCO
REAL INPUT—SAMPLED AT
fS
DC
–
fS/2
–
fS/3
–
fS/4
–
fS/8
fS/16
fS/8
fS/4
fS/3
fS/2
–
fS/16
–
fS/32
fS/32
DC
–
fS/32
fS/32
DC
–
fS/32
fS/32
cos(ωt)
0°
90°
I
Q
ADC
SAMPLING
AT
fS
REAL
REAL
–sin(ωt)
12-BIT
NCO
POSITIVE FTW VALUES
NEGATIVE FTW VALUES
COMPLEX
–6dB LOSS DUE TO
NCO + MIXER
12-BIT NCO FTW =
ROUND ((
fS/3)/fS × 4096) = +1365 (0x555)
12-BIT NCO FTW =
ROUND ((
fS/3)/fS × 4096) = –1365 (0xAAB)
Figure 148. DDC NCO Frequency Tuning Word Selection—Real Inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com