Electronic Components Datasheet Search
  English  ▼

X  

AD9680 Datasheet(PDF) 25 Page - Analog Devices

Part # AD9680
Description  Dual Analog-to-Digital Converter
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9680 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9680 Datasheet HTML 21Page - Analog Devices AD9680 Datasheet HTML 22Page - Analog Devices AD9680 Datasheet HTML 23Page - Analog Devices AD9680 Datasheet HTML 24Page - Analog Devices AD9680 Datasheet HTML 25Page - Analog Devices AD9680 Datasheet HTML 26Page - Analog Devices AD9680 Datasheet HTML 27Page - Analog Devices AD9680 Datasheet HTML 28Page - Analog Devices AD9680 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 99 page
background image
Data Sheet
AD9680
Rev. C | Page 23 of 97
CODE
0
25000
20000
15000
10000
5000
N + 6
N + 5
N + 4
N + 3
N + 2
N + 1
N
N – 1
N – 2
N – 3
N – 4
N – 5
N – 6
2.63 LSB rms
Figure 52. Input-Referred Noise Histogram
TEMPERATURE (°C)
3.15
3.40
3.35
3.30
3.25
3.20
–50 –40 –30 –20 –10
0
10
20
30
40
50
60
70
80
90
L = 4
M = 2
F = 1
Figure 53. Power Dissipation vs. Temperature
SAMPLE RATE (MHz)
2.90
2.95
3.00
3.05
3.10
3.15
3.20
3.25
3.30
3.35
3.40
700
750
800
850
900
950
1000
1050
1100
L = 4, M = 2, F = 1
Figure 54. Power Dissipation vs. fS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com