Electronic Components Datasheet Search
  English  ▼

X  

AD9680 Datasheet(PDF) 48 Page - Analog Devices

Part # AD9680
Description  Dual Analog-to-Digital Converter
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9680 Datasheet(HTML) 48 Page - Analog Devices

Back Button AD9680 Datasheet HTML 44Page - Analog Devices AD9680 Datasheet HTML 45Page - Analog Devices AD9680 Datasheet HTML 46Page - Analog Devices AD9680 Datasheet HTML 47Page - Analog Devices AD9680 Datasheet HTML 48Page - Analog Devices AD9680 Datasheet HTML 49Page - Analog Devices AD9680 Datasheet HTML 50Page - Analog Devices AD9680 Datasheet HTML 51Page - Analog Devices AD9680 Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 99 page
background image
AD9680
Data Sheet
Rev. C | Page 46 of 97
SPORT OVER JESD204B
The signal monitor data can also be serialized and sent over the
JESD204B interface as control bits. These control bits must be
deserialized from the samples to reconstruct the statistical data.
The signal control monitor function is enabled by setting Bits[1:0]
of Register 0x279 and Bit 1 of Register 0x27A. Figure 143 shows
two different example configurations for the signal monitor
control bit locations inside the JESD204B samples. A maximum
of three control bits can be inserted into the JESD204B samples;
however, only one control bit is required for the signal monitor.
Control bits are inserted from MSB to LSB. If only one control bit
is to be inserted (CS = 1), only the most significant control bit is
used (see Example Configuration 1 and Example Configuration 2
in Figure 143). To select the SPORT over JESD204B option,
program Register 0x559, Register 0x55A, and Register 0x58F.
See Table 36 for more information on setting these bits.
Figure 144 shows the 25-bit frame data that encapsulates the
peak detector value. The frame data is transmitted MSB first
with five 5-bit subframes. Each subframe contains a start bit
that can be used by a receiver to validate the deserialized data.
Figure 145 shows the SPORT over JESD204B signal monitor
data with a monitor period timer set to 80 samples.
15
14-BIT CONVERTER RESOLUTION (N = 14)
TAIL
X
1
CONTROL
BIT
(CS = 1)
1-BIT
CONTROL
BIT
(CS = 1)
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
1 TAIL
BIT
SERIALIZED SIGNAL MONITOR
FRAME DATA
EXAMPLE
CONFIGURATION 1
(N' = 16, N = 15, CS = 1)
EXAMPLE
CONFIGURATION 2
(N' = 16, N = 14, CS = 1)
SERIALIZED SIGNAL MONITOR
FRAME DATA
16-BIT JESD204B SAMPLE SIZE (N' = 16)
S[13]
X
S[12]
X
S[11]
X
S[10]
X
S[9]
X
S[8]
X
S[7]
X
S[6]
X
S[5]
X
S[4]
X
S[3]
X
S[2]
X
S[1]
X
S[0]
X
CTRL
[BIT 2]
X
CTRL
[BIT 2]
X
S[14]
X
S[13]
X
S[12]
X
S[11]
X
S[10]
X
S[9]
X
S[8]
X
S[7]
X
S[6]
X
S[5]
X
S[4]
X
S[3]
X
S[2]
X
S[1]
X
S[0]
X
15-BIT CONVERTER RESOLUTION (N = 15)
16-BIT JESD204B SAMPLE SIZE (N' = 16)
Figure 143. Signal Monitor Control Bit Locations
25-BIT
FRAME
5-BIT IDLE
SUB-FRAME
(OPTIONAL)
5-BIT IDENTIFIER
SUB-FRAME
5-BIT DATA
MSB
SUB-FRAME
5-BIT DATA
SUB-FRAME
5-BIT DATA
SUB-FRAME
5-BIT DATA
LSB
SUB-FRAME
5-BIT SUB-FRAMES
P[] = PEAK MAGNITUDE VALUE
IDLE
1
IDLE
1
IDLE
1
IDLE
1
IDLE
1
START
0
P[0]
0
0
0
START
0
P[4]
P[3]
P[2]
P1]
START
0
P[8]
P[7]
P[6]
P5]
START
0
P[12]
P[11]
P[10]
P[9]
START
0
ID[3]
0
ID[2]
0
ID[1]
0
ID[0]
1
Figure 144. SPORT over JESD204B Signal Monitor Frame Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com