Electronic Components Datasheet Search
  English  ▼

X  

AD9680 Datasheet(PDF) 76 Page - Analog Devices

Part # AD9680
Description  Dual Analog-to-Digital Converter
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9680 Datasheet(HTML) 76 Page - Analog Devices

Back Button AD9680 Datasheet HTML 72Page - Analog Devices AD9680 Datasheet HTML 73Page - Analog Devices AD9680 Datasheet HTML 74Page - Analog Devices AD9680 Datasheet HTML 75Page - Analog Devices AD9680 Datasheet HTML 76Page - Analog Devices AD9680 Datasheet HTML 77Page - Analog Devices AD9680 Datasheet HTML 78Page - Analog Devices AD9680 Datasheet HTML 79Page - Analog Devices AD9680 Datasheet HTML 80Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 99 page
background image
AD9680
Data Sheet
Rev. C | Page 74 of 97
MULTICHIP SYNCHRONIZATION
The AD9680 has a SYSREF± input that provides flexible options
for synchronizing the internal blocks. The SYSREF± input is a
source synchronous system reference signal that enables multichip
synchronization. The input clock divider, DDCs, signal monitor
block, and JESD204B link can be synchronized using the SYSREF±
input. For the highest level of timing accuracy, SYSREF± must
meet setup and hold requirements relative to the CLK± input.
The flowchart in Figure 171 describes the internal mechanism
for multichip synchronization in the AD9680. The AD9680
supports several features that aid users in meeting the
requirements set out for capturing a SYSREF± signal. The
SYSREF sample event can be defined as either a synchronous
low to high transition, or a synchronous high to low transition.
Additionally, the AD9680 allows the SYSREF signal to be sampled
using either the rising edge or falling edge of the CLK± input.
The AD9680 also has the ability to ignore a programmable
number (up to 16) of SYSREF± events. The SYSREF± control
options can be selected using Register 0x120 and Register 0x121.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com