Electronic Components Datasheet Search
  English  ▼

X  

AD9680 Datasheet(PDF) 60 Page - Analog Devices

Part # AD9680
Description  Dual Analog-to-Digital Converter
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9680 Datasheet(HTML) 60 Page - Analog Devices

Back Button AD9680 Datasheet HTML 56Page - Analog Devices AD9680 Datasheet HTML 57Page - Analog Devices AD9680 Datasheet HTML 58Page - Analog Devices AD9680 Datasheet HTML 59Page - Analog Devices AD9680 Datasheet HTML 60Page - Analog Devices AD9680 Datasheet HTML 61Page - Analog Devices AD9680 Datasheet HTML 62Page - Analog Devices AD9680 Datasheet HTML 63Page - Analog Devices AD9680 Datasheet HTML 64Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 99 page
background image
AD9680
Data Sheet
Rev. C | Page 58 of 97
Table 18. DDC Filter Alias Rejection
Alias
Rejection (dB)
Pass-Band Ripple/
Cutoff Point (dB)
Alias Protected Bandwidth for
Real (I) Outputs1
Alias Protected Bandwidth for
Complex (I/Q) Outputs1
>100
<−0.001
<38.5% × fOUT
<77% × fOUT
90
<−0.001
<38.7% × fOUT
<77.4% × fOUT
85
<−0.001
<38.9% × fOUT
<77.8% × fOUT
63.3
<−0.006
<40% × fOUT
<80% × fOUT
25
−0.5
44.4% × fOUT
88.8% × fOUT
19.3
−1.0
45.6% × fOUT
91.2% × fOUT
10.7
−3.0
48% × fOUT
96% × fOUT
1
fOUT is the ADC input sample rate fS/DDC decimation ratio.
HALF-BAND FILTERS
The AD9680 offers four half-band filters to enable digital signal
processing of the ADC converted data. These half-band filters
are bypassable and can be individually selected.
HB4 Filter
The first decimate-by-2, half-band, low-pass FIR filter (HB4) uses
an 11-tap, symmetrical, fixed-coefficient filter implementation,
optimized for low power consumption. The HB4 filter is only used
when complex outputs (decimate by 16) or real outputs (decimate
by 8) are enabled; otherwise, the filter is bypassed. Table 19 and
Figure 150 show the coefficients and response of the HB4 filter.
Table 19. HB4 Filter Coefficients
HB4 Coefficient
Number
Normalized
Coefficient
Decimal Coefficient
(15-Bit)
C1, C11
0.006042
99
C2, C10
0
0
C3, C9
−0.049316
−808
C4, C8
0
0
C5, C7
0.293273
4805
C6
0.500000
8192
0
–120
–100
–80
–60
–40
–20
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
NORMALIZED FREQUENCY (× π RAD/SAMPLE)
Figure 150. HB4 Filter Response
HB3 Filter
The second decimate-by-2, half-band, low-pass, FIR filter (HB3)
uses an 11-tap, symmetrical, fixed coefficient filter implementation,
optimized for low power consumption. The HB3 filter is only used
when complex outputs (decimate by 8 or 16) or real outputs
(decimate by 4 or 8) are enabled; otherwise, the filter is bypassed.
Table 20 and Figure 151 show the coefficients and response of
the HB3 filter.
Table 20. HB3 Filter Coefficients
HB3 Coefficient
Number
Normalized
Coefficient
Decimal Coefficient
(18-Bit)
C1, C11
0.006554
859
C2, C10
0
0
C3, C9
−0.050819
−6661
C4, C8
0
0
C5, C7
0.294266
38,570
C6
0.500000
65,536
0
–120
–100
–80
–60
–40
–20
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
NORMALIZED FREQUENCY (× π RAD/SAMPLE)
Figure 151. HB3 Filter Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com