Electronic Components Datasheet Search
  English  ▼

X  

AD9680 Datasheet(PDF) 29 Page - Analog Devices

Part # AD9680
Description  Dual Analog-to-Digital Converter
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9680 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9680 Datasheet HTML 25Page - Analog Devices AD9680 Datasheet HTML 26Page - Analog Devices AD9680 Datasheet HTML 27Page - Analog Devices AD9680 Datasheet HTML 28Page - Analog Devices AD9680 Datasheet HTML 29Page - Analog Devices AD9680 Datasheet HTML 30Page - Analog Devices AD9680 Datasheet HTML 31Page - Analog Devices AD9680 Datasheet HTML 32Page - Analog Devices AD9680 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 99 page
background image
Data Sheet
AD9680
Rev. C | Page 27 of 97
INPUT AMPLITUDE (dBFS)
–30
–15
0
15
30
45
60
75
90
105
120
SNR (dBc)
SNR (dBFS)
SFDR (dBc)
SFDR (dBFS)
Figure 73. SNR/SFDR vs. Analog Input Level, fIN = 170.3 MHz
TEMPERATURE (°C)
60
65
70
75
80
85
90
–45
–30
–15
–5
5
15
25
45
65
85
SNR (dBFS)
SFDR (dBFS)
Figure 74. SNR/SFDR vs. Temperature, fIN = 170.3 MHz
OUTPUT CODE
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
0
2000
4000
6000
8000
10000
12000
14000
16000
Figure 75. INL, fIN = 10.3 MHz
OUTPUT CODE
–0.30
–0.25
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
0.20
0.25
0
2000
4000
6000
8000
10000
12000
14000
16000
Figure 76. DNL, fIN = 15 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com