Electronic Components Datasheet Search
  English  ▼

X  

AD9680 Datasheet(PDF) 38 Page - Analog Devices

Part # AD9680
Description  Dual Analog-to-Digital Converter
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9680 Datasheet(HTML) 38 Page - Analog Devices

Back Button AD9680 Datasheet HTML 34Page - Analog Devices AD9680 Datasheet HTML 35Page - Analog Devices AD9680 Datasheet HTML 36Page - Analog Devices AD9680 Datasheet HTML 37Page - Analog Devices AD9680 Datasheet HTML 38Page - Analog Devices AD9680 Datasheet HTML 39Page - Analog Devices AD9680 Datasheet HTML 40Page - Analog Devices AD9680 Datasheet HTML 41Page - Analog Devices AD9680 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 99 page
background image
AD9680
Data Sheet
Rev. C | Page 36 of 97
ADC
R1
R2
R1
0.1µF
0.1µF
0.1µF
C2
R3
R3
BALUN
NOTES
1. SEE TABLE 9 FOR COMPONENT VALUES.
R2
C1
C1
Figure 115. Differential Transformer-Coupled Configuration for AD9680
Table 9. Differential Transformer-Coupled Input Configuration Component Values
Device
Frequency Range
Transformer
R1 (Ω)
R2 (Ω)
R3 (Ω)
C1 (pF)
C2 (pF)
AD9680-500
DC to 250 MHz
ETC1-1-13
10
50
10
4
2
250 MHz to 2 GHz
BAL-0006/BAL-0006SMG
10
50
10
4
2
AD9680-820
DC to 410 MHz
ETC1-1-13
10
50
10
4
2
410 MHz to 2 GHz
BAL-0006/BAL-0006SMG
10
50
10
4
2
AD9680-1000
DC to 500 MHz
ETC1-1-13/BAL-0006SMG
25
25
10
4
2
500 MHz to 2 GHz
BAL-0006/BAL-0006SMG
25
25
0
Open
Open
AD9680-1250
DC to 625 MHz
BAL-0006SMG
10
50
15
4
2
625 MHz to 2 GHz
BAL-0006SMG
10
50
0
Open
Open
Input Common Mode
The analog inputs of the AD9680 are internally biased to the
common mode as shown in Figure 116. The common-mode
buffer has a limited range in that the performance suffers greatly
if the common-mode voltage drops by more than 100 mV.
Therefore, in dc-coupled applications, set the common-mode
voltage to 2.05 V, ±100 mV to ensure proper ADC operation.
The full-scale voltage setting must be at a 1.7 V p-p differential
if running in a dc-coupled application.
Analog Input Buffer Controls and SFDR Optimization
The AD9680 input buffer offers flexible controls for the analog
inputs, such as input termination, buffer current, and input full-
scale adjustment. All the available controls are shown in Figure 116.
10pF
VIN+x
VIN–x
AVDD3
AVDD3
AVDD3
VCM
BUFFER
400Ω
AVDD3
AVDD3
1.5pF
3pF
1.5pF
3pF
AIN CONTROL
SPI REGISTERS
(0x008, 0x015,
0x016, 0x018,
0x019, 0x01A,
0x11A, 0x934,
0x935)
Figure 116. Analog Input Controls
Using the 0x018, 0x019, 0x01A, 0x11A, 0x934, and 0x935 registers,
the buffer behavior on each channel can be adjusted to optimize the
SFDR over various input frequencies and bandwidths of interest.
Input Buffer Control Registers (0x018, 0x019, 0x01A,
0x935, 0x934, 0x11A)
The input buffer has many registers that set the bias currents and
other settings for operation at different frequencies. These bias
currents and settings can be changed to suit the input frequency
range of operation. Register 0x018 controls the buffer bias current
to help with the kickback from the ADC core. This setting can be
scaled from a low setting of 1.0× to a high setting of 8.5×. The
default setting is 3.0× for the AD9680-1000 and AD9680-820,
and 2.0× for the AD9680-500. These settings are sufficient for
operation in the first Nyquist zone for the products. When the
input buffer current in Register 0x018 is set, the amount of
current required by the AVDD3 supply changes. This relationship
is shown in Figure 117. For a complete list of buffer current
settings, see Table 36.
BUFFER CONTROL 1 SETTING
1.5×
2.5×
3.5×
4.5×
5.5×
6.5×
7.5×
8.5×
50
100
150
200
250
300
AD9680-1250,
AD9680-1000,
AND
AD9680-820
AD9680-500
Figure 117. IAVDD3 vs. Buffer Control 1 Setting in Register 0x018
The 0x019, 0x01A, 0x11A, and 0x935 registers offer secondary
bias controls for the input buffer for frequencies >500 MHz.
Register 0x934 can be used to reduce input capacitance to achieve
wider signal bandwidth but may result in slightly lower linearity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com