Electronic Components Datasheet Search
  English  ▼

X  

AD9680 Datasheet(PDF) 37 Page - Analog Devices

Part # AD9680
Description  Dual Analog-to-Digital Converter
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9680 Datasheet(HTML) 37 Page - Analog Devices

Back Button AD9680 Datasheet HTML 33Page - Analog Devices AD9680 Datasheet HTML 34Page - Analog Devices AD9680 Datasheet HTML 35Page - Analog Devices AD9680 Datasheet HTML 36Page - Analog Devices AD9680 Datasheet HTML 37Page - Analog Devices AD9680 Datasheet HTML 38Page - Analog Devices AD9680 Datasheet HTML 39Page - Analog Devices AD9680 Datasheet HTML 40Page - Analog Devices AD9680 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 99 page
background image
Data Sheet
AD9680
Rev. C | Page 35 of 97
THEORY OF OPERATION
The AD9680 has two analog input channels and four JESD204B
output lane pairs. The ADC is designed to sample wide bandwidth
analog signals of up to 2 GHz. The AD9680 is optimized for wide
input bandwidth, high sampling rate, excellent linearity, and
low power in a small package.
The dual ADC cores feature a multistage, differential pipelined
architecture with integrated output error correction logic. Each
ADC features wide bandwidth inputs supporting a variety of
user-selectable input ranges. An integrated voltage reference
eases design considerations.
The AD9680 has several functions that simplify the AGC
function in a communications receiver. The programmable
threshold detector allows monitoring of the incoming signal
power using the fast detect output bits of the ADC. If the input
signal level exceeds the programmable threshold, the fast detect
indicator goes high. Because this threshold indicator has low
latency, the user can quickly turn down the system gain to avoid
an overrange condition at the ADC input.
The Subclass 1 JESD204B-based high speed serialized output data
lanes can be configured in one-lane (L = 1), two-lane (L = 2),
and four-lane (L = 4) configurations, depending on the sample
rate and the decimation ratio. Multiple device synchronization
is supported through the SYSREF± and SYNCINB± input pins.
ADC ARCHITECTURE
The architecture of the AD9680 consists of an input buffered
pipelined ADC. The input buffer is designed to provide a
termination impedance to the analog input signal. This
termination impedance can be changed using the SPI to meet
the termination needs of the driver/amplifier. The default
termination value is set to 400 Ω. The equivalent circuit diagram of
the analog input termination is shown in Figure 104. The input
buffer is optimized for high linearity, low noise, and low power.
The input buffer provides a linear high input impedance (for
ease of drive) and reduces kickback from the ADC. The buffer
is optimized for high linearity, low noise, and low power. The
quantized outputs from each stage are combined into a final
14-bit result in the digital correction logic. The pipelined
architecture permits the first stage to operate with a new input
sample; at the same time, the remaining stages operate with the
preceding samples. Sampling occurs on the rising edge of the clock.
ANALOG INPUT CONSIDERATIONS
The analog input to the AD9680 is a differential buffer. The
internal common-mode voltage of the buffer is 2.05 V. The
clock signal alternately switches the input circuit between
sample mode and hold mode. When the input circuit is switched
into sample mode, the signal source must be capable of charging
the sample capacitors and settling within one-half of a clock cycle.
A small resistor, in series with each input, can help reduce the peak
transient current injected from the output stage of the driving
source. In addition, low Q inductors or ferrite beads can be placed
on each leg of the input to reduce high differential capacitance at
the analog inputs and, thus, achieve the maximum bandwidth of
the ADC. Such use of low Q inductors or ferrite beads is required
when driving the converter front end at high IF frequencies.
Either a differential capacitor or two single-ended capacitors
can be placed on the inputs to provide a matching passive network.
This ultimately creates a low-pass filter at the input, which limits
unwanted broadband noise. For more information, refer to the
AN-742 Application Note, the AN-827 Application Note, and
the Analog Dialogue article “Transformer-Coupled Front-End
for Wideband A/D Converters” (Volume 39, April 2005). In
general, the precise values depend on the application.
For best dynamic performance, the source impedances driving
VIN+x and VIN−x must be matched such that common-mode
settling errors are symmetrical. These errors are reduced by the
common-mode rejection of the ADC. An internal reference
buffer creates a differential reference that defines the span of the
ADC core.
Maximum SNR performance is achieved by setting the ADC
to the largest span in a differential configuration. In the case
of the AD9680, the available span is programmable through
the SPI port from 1.46 V p-p to 2.06 V p-p differential, with
1.58 V p-p differential being the default for the AD9680-1250,
1.70 V p-p differential being the default for the AD9680-1000
and AD9680-820, and 2.06 V p-p differential being the default
for the AD9680-500.
Differential Input Configurations
There are several ways to drive the AD9680, either actively or
passively. However, optimum performance is achieved by
driving the analog input differentially.
For applications where SNR and SFDR are key parameters,
differential transformer coupling is the recommended input
configuration (see Figure 115 and Table 9) because the noise
performance of most amplifiers is not adequate to achieve the
true performance of the AD9680.
For low to midrange frequencies, a double balun or double
transformer network (see Figure 115 and Table 9) is recom-
mended for optimum performance of the AD9680. For higher
frequencies in the second or third Nyquist zones, it is better
to remove some of the front-end passive components to ensure
wideband operation (see Figure 115 and Table 9).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com