Electronic Components Datasheet Search
  English  ▼

X  

AD9680 Datasheet(PDF) 86 Page - Analog Devices

Part # AD9680
Description  Dual Analog-to-Digital Converter
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9680 Datasheet(HTML) 86 Page - Analog Devices

Back Button AD9680 Datasheet HTML 82Page - Analog Devices AD9680 Datasheet HTML 83Page - Analog Devices AD9680 Datasheet HTML 84Page - Analog Devices AD9680 Datasheet HTML 85Page - Analog Devices AD9680 Datasheet HTML 86Page - Analog Devices AD9680 Datasheet HTML 87Page - Analog Devices AD9680 Datasheet HTML 88Page - Analog Devices AD9680 Datasheet HTML 89Page - Analog Devices AD9680 Datasheet HTML 90Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 99 page
background image
AD9680
Data Sheet
Rev. C | Page 84 of 97
Reg
Addr
(Hex)
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Notes
0x018
Buffer
Control 1
(local)
0000 = 1.0× buffer current
0001 = 1.5× buffer current
0010 = 2.0× buffer current (default for AD9680-500)
0011 = 2.5× buffer current
0100 = 3.0× buffer current (default for AD9680-1000
and AD9680-820)
0101 = 3.5× buffer current (default for AD9680-1250)
…
1111 = 8.5× buffer current
0
0
0
0
0x50 for
AD9680-
1250;
0x40 for
AD9680-
1000
and
AD9680-
820;
0x20 for
AD9680-
500
0x019
Buffer
Control 2
(local)
0100 = Setting 1 (default for AD9680-820)
0101 = Setting 2 (default for AD9680-1250 and
AD9680-1000)
0110 = Setting 3 (default for AD9680-500)
0111 = Setting 4
0
0
0
0
0x50 for
AD9680-
1250 and
AD9680-
1000;
0x40 for
AD9680-
820;
0x60 for
AD9680-
500
0x01A
Buffer
Control 3
(local)
0
0
0
0
1000 = Setting 1
1001 = Setting 2 (default for AD9680-1250,
AD9680-1000 and AD9680-820)
1010 = Setting 3 (default for AD9680-500)
0x09 for
AD9680-
1250,
AD9680-
1000
and
AD9680-
820;
0x0A for
AD9680-
500
0x11A
Buffer
Control 4
(local)
0
0
High
frequency
setting
0 = off
(default)
1 = on
0
0
0
0
0
0x935
Buffer
Control 5
(local)
0
0
0
0
0
Low
frequency
operation
0 = off
1 = on
(default)
0
0
0x025
Input full-
scale range
(local)
0
0
0
0
Full-scale adjust
0000 = 1.94 V
1000 = 1.46 V
1001 = 1.58 V (default for AD9680-1250)
1010 = 1.70 V (default for AD9680-1000 and
AD9680-820)
1011 = 1.82 V
1100 = 2.06 V (default for AD9680-500)
0x09 for
AD9680-
1250;
0x0A for
AD9680-
1000
and
AD9680-
820;
0x0C for
AD9680-
500
V p-p
differ-
ential;
use in
conjunc-
tion with
Reg.
0x030
0x030
Input full-
scale control
(local)
0
0
0
Full-scale control
See Table 10 for recommended settings
for different frequency bands;
default values:
AD9680-1250, AD9680-1000 = 110
AD9680-820 = 101
AD9680-500 = 001
AD9680-500 = 110 (for <1.82 V)
0
0
Used in
conjunc-
tion with
Reg.
0x025



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com