Electronic Components Datasheet Search
  English  ▼

X  

AD9680 Datasheet(PDF) 33 Page - Analog Devices

Part # AD9680
Description  Dual Analog-to-Digital Converter
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9680 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9680 Datasheet HTML 29Page - Analog Devices AD9680 Datasheet HTML 30Page - Analog Devices AD9680 Datasheet HTML 31Page - Analog Devices AD9680 Datasheet HTML 32Page - Analog Devices AD9680 Datasheet HTML 33Page - Analog Devices AD9680 Datasheet HTML 34Page - Analog Devices AD9680 Datasheet HTML 35Page - Analog Devices AD9680 Datasheet HTML 36Page - Analog Devices AD9680 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 99 page
background image
Data Sheet
AD9680
Rev. C | Page 31 of 97
50
60
65
55
70
75
80
1010.3
1205.3
1410.3
1600.3
1810.3
1950.3
ANALOG INPUT FREQUENCY (MHz)
7.0× SNR
7.0× SFDR
8.0× SNR
8.0× SFDR
Figure 92. SNR/SFDR vs. fIN; 1 GHz < fIN < 2 GHz;
Buffer Control 1 (0x018) = 7.0× and 8.0×
–120
–100
–80
–60
–40
–20
0
0
50
100
150
200
250
FREQUENCY (MHz)
AIN1 AND AIN2 = –7dBFS
SFDR = 88dBFS
IMD2 = 94dBFS
IMD3 = 88dBFS
BUFFER CONTROL 1 = 2.0×
Figure 93. Two-Tone FFT; fIN1 = 184 MHz, fIN2 = 187 MHz
–120
–100
–80
–60
–40
–20
0
0
50
100
150
200
250
FREQUENCY (MHz)
AIN1 AND AIN2 = –7dBFS
SFDR = 88dBFS
IMD2 = 88dBFS
IMD3 = 89dBFS
BUFFER CONTROL 1 = 4.5×
Figure 94. Two-Tone FFT; fIN1 = 338 MHz, fIN2 = 341 MHz
–120
–100
–80
–60
–40
–20
0
–
90 –84 –78 –72 –66 –60 –54 –48 –42 –36 –30 –24 –18 –12
INPUT AMPLITUDE (dBFS)
SFDR (dBc)
SFDR (dBFS)
IMD3 (dBc)
IMD3 (dBFS)
Figure 95. Two-Tone SFDR/IMD3 vs. Input Amplitude (AIN) with
fIN1 = 184 MHz and fIN2 = 187 MHz
–120
–100
–80
–60
–40
–20
0
–90
–81
–72
–63
–54
–45
–36
–27
–18
–9
AMPLITUDE (dBFS)
SFDR (dBc)
SFDR (dBFS)
IMD3 (dBc)
IMD3 (dBFS)
Figure 96. Two-Tone IMD3/SFDR vs. Input Amplitude (AIN) with
fIN1 = 338 MHz and fIN2 = 341 MHz
–20
–10
0
10
20
30
40
50
60
70
80
90
100
110
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
INPUT AMPLITUDE (dBFS)
SFDR (dBFS)
SNR (dBFS)
SFDR (dBc)
SNR (dBc)
Figure 97. SNR/SFDR vs. Analog Input Level, fIN = 170.3 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com