Electronic Components Datasheet Search
  English  ▼

X  

ST2202 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # ST2202
Description  8 BIT Integrated Microcontroller with 256K Bytes ROM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ST2202 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button ST2202 Datasheet HTML 14Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 15Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 16Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 17Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 18Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 19Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 20Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 21Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 65 page
background image
Sitronix
ST2202
Ver 2.0a
18/65
2003-May-05
1
10
0.. C
CH
HIIP
P--S
SE
EL
LE
EC
CT
T L
LO
OG
GIIC
C ((C
CS
SL
L))
The ST2202 builds in one chip-select signal ( CS0 ) for
embedded 256K bytes mask ROM and six chip-select signals
multiplexed with PD5~0 of Port-D which are used to select
external devices on the address and data bus. There are two
options for the first 256K bytes memory which are controlled by
MMD pin. Tie MMD to ground to select normal mode and
enable internal ROM for the first 256K bytes memory. Connect
MMD to chip-select of an external device to select emulation
mode and disable internal ROM. After reset cycles, MMD
changes to an output and outputs chip-select signal CS0 .
Refer to FIGURE 10-1 for two connections of different modes.
Two bits CSM[1:0] of port miscellaneous register (PMCR)
select four modes of CSL which define the memory size of
each external chip-select. If CSM0 equals “1”, chip-select
signal CS6 changes to be address signal A23 to make one
single device of 16M bytes at CS5 possible. The address
range of CSx of higher number follows the range of previous
one of lower number. Refer to TABLE 10-2 for configurations of
all chip-selects in different modes.
Note: Write “1” to bit of port direction control
register PCD, then to bit of port
function-select register PFD to activate the
designated chip-select signal.
A. Normal Mode
B. Emulation Mode
FIGURE 10-1 Connections Of MMD/ CS0
TABLE 10-2 Memory Configurations Of Chip-selects
First 256K
External
Chip-select
Modes
Memory Range and Size of Chip-selects
Total Support
Memory Size
CS0 ,
MMD/ CS0
CSM[1:0]
CS1
CS2
CS3
CS4
CS5
CS6 /A23
0 0
$1000000~
$17FFFFF
(8M bytes)
$1800000~
$1FFFFFF
(8M bytes)
0 1
$0400000~
$04FFFFF
(1M bytes)
$0500000~
$05FFFFF
(1M bytes)
$0600000~
$07FFFFF
(2M bytes)
$0800000~
$0FFFFFF
(8M bytes) $1000000~
$1FFFFFF
(16Mbytes)
A23
28M + 256K
Bytes
1 0
$2000000~
$27FFFFF
(8M bytes)
$2800000~
$2FFFFFF
(8M bytes)
$0000000~
$003FFFF
(256Kbyte)
1 1
$0400000~
$07FFFFF
(4M bytes)
$0800000~
$0FFFFFF
(8M bytes)
$1000000~
$17FFFFF
(8M bytes)
$1800000~
$1FFFFFF
(8M bytes) $2000000~
$2FFFFFF
(16Mbytes)
A23
44M + 256K
Bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com