Electronic Components Datasheet Search
  English  ▼

X  

ST2202 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # ST2202
Description  8 BIT Integrated Microcontroller with 256K Bytes ROM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ST2202 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button ST2202 Datasheet HTML 10Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 11Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 12Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 13Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 14Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 15Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 16Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 17Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 65 page
background image
Sitronix
ST2202
Ver 2.0a
14/65
2003-May-05
9
9.. G
GP
PIIO
O
The ST2202 consists of 48 general-purpose I/O (GPIO) which
are divided into six I/O ports: Port-A/B/C/D/E and Port-L.
Control registers of GPIO are shown as following and in TABLE
9-1.
Port data registers: PA~PE, PL
Port direction control registers: PCA~PCE, PCL
Port type select registers: PSC
Port function select registers: PFC and PFD
Port miscellaneous control register: PMCR
TABLE 9-1 Summary Of Control Registers Of GPIO
Address Name
R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
$000
PA
R/W
PA[7]
PA[6]
PA[5]
PA[4]
PA[3]
PA[2]
PA[1]
PA[0]
1111 1111
$001
PB
R/W
PB[7]
PB[6]
PB[5]
PB[4]
PB[3]
PB[2]
PB[1]
PB[0]
1111 1111
$002
PC
R/W
PC[7]
PC[6]
PC[5]
PC[4]
PC[3]
PC[2]
PC[1]
PC[0]
1111 1111
$003
PD
R/W
PD[7]
PD[6]
PD[5]
PD[4]
PD[3]
PD[2]
PD[1]
PD[0]
1111 1111
$004
PE
R/W
PE[7]
PE[6]
PE[5]
PE[4]
PE[3]
PE[2]
PE[1]
PE[0]
1111 1111
$04C
PL
R/W
PL[7]
PL[6]
PL[5]
PL[4]
PL[3]
PL[2]
PL[1]
PL[0]
1111 1111
$005
PSC
R/W
PSC[7]
PSC[6]
PSC[5]
PSC[4]
PSC[3]
PSC[2]
PSC[1]
PSC[0]
1111 1111
$008
PCA
R/W
PCA[7]
PCA[6]
PCA[5]
PCA[4]
PCA[3]
PCA[2]
PCA[1]
PCA[0]
0000 0000
$009
PCB
R/W
PCB[7]
PCB[6]
PCB[5]
PCB[4]
PCB[3]
PCB[2]
PCB[1]
PCB[0]
0000 0000
$00A
PCC
R/W
PCC[7]
PCC[6]
PCC[5]
PCC[4]
PCC[3]
PCC[2]
PCC[1]
PCC[0]
0000 0000
$00B
PCD
R/W
PCD[7]
PCD[6]
PCD[5]
PCD[4]
PCD[3]
PCD[2]
PCD[1]
PCD[0]
0000 0000
$00C
PCE
R/W
PCE[7]
PCE[6]
PCE[5]
PCE[4]
PCE[3]
PCE[2]
PCE[1]
PCE[0]
0000 0000
$04E
PCL
W
PCL[7]
PCL[6]
PCL[5]
PCL[4]
PCL[3]
PCL[2]
PCL[1]
PCL[0]
0000 0000
$00D
PFC
R/W
RXD0
TXD0
SRDY
SS
MOSI
MISO
SCK
INTX
0000 0000
$00E
PFD
R/W
RXD1
TXD1
CS6
CS5
CS4
CS3
CS2
CS1
0000 0000
$00F
PMCR
R/W
PULL
PDBN
INTEG
CSM1
CSM0
BCO
TCO1
TCO0
1000 0000
Each single pin can be programmed to be input or output. This
is controlled by port direction control registers PCx. Setting bit
of PCx makes respective pin to output, and clearing this bit for
input. There are two options: pull-up/down for inputs of Port-C
but only pull-up for inputs of the other ports. In case of output,
there are open-drain/CMOS options for outputs of PortC but
only CMOS for the other ports. Refer to TABLE 9-2.
TABLE 9-2 I/O Types Of GPIO Ports
I/O Types
I/O Mode
Port-A/B/D/E/L
Port-C
Input
Pull-up/Pure
Pull-up/Pull-down/Pure
Output
CMOS
Open-drain/CMOS
Input Mode
In case of input function, port data registers Px reflect the
values on associated pins. Besides read instruction for data of
signals input, writing to register Px selects I/O types of pins,
pull-up or pull-down. Setting bits of all port data register Px to
select pull-up type. Clearing bits of only PC to select pull-down
type for pins of Port-C. There are no pull-down resistors for
Port-A/B/D/E and Port-L, thereby no pull-down resistors will be
enabled if clearing bits of PA, PB, PD, PE and PL. Pull-up
resistors of Port-A/B/D/E/L are also controlled by PULL bit (bit7
of port miscellaneous register PMCR), “0” is to disable, while
“1” is to enable them. The pull-up/pull-down resistors of Port-C
are further controlled by bits of port type select registers PSC.
They work in the same way with PULL bit of PMCR but only on
single pin, “0” is to disable, while “1” is to enable. Refer to
FIGURE 9-1.
VCC
PORT
DATA
REGISTER
( PDR )
PULL-UP
PMOS
PULL-UP
RD_INPUT
DATA INPUT
PORT
CONTROL
REGISTER
( PCR )
FIGURE 9-1 Configuration Of Inputs
Output Mode
In case of output function, Write to port data registers Px
makes pins to output desired value. This value can also be
read back by read instruction. Besides Port-C, the output pins
are CMOS type. Port-C have two options of output types:
open-drain and CMOS, and is controlled by port type select
registers PSC. Clearing bits of registers PSC is for that disable
PMOS of output stage and left only NMOS, while setting bits is
for CMOS. Refer to FIGURE 9-2.
FIGURE 9-2 Configuration Of Outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com