Electronic Components Datasheet Search
  English  ▼

X  

ST2202 Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # ST2202
Description  8 BIT Integrated Microcontroller with 256K Bytes ROM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ST2202 Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button ST2202 Datasheet HTML 27Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 28Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 29Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 30Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 31Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 32Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 33Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 34Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 65 page
background image
Sitronix
ST2202
Ver 2.0a
31/65
2003-May-05
1
14
4.. P
PS
SG
G
14.1 Function description
The built-in dual channel Programmable Sound Generator
(PSG) is controlled by register file directly. Its flexibility makes it
useful in applications such as music synthesis, sound effects
generation, audible alarms and tone signaling. In order to
generate sound effects while allowing the processor to perform
other tasks, the PSG can continue to produce sound after the
initial commands have been given by the CPU. The structure of
PSG was shown in FIGURE 14-2 and the PSG clock source is
shown in FIGURE 14-1. The ST2202 has three PSG playing
type. One for channel0(C0) & channel1(C1) square type tone
sound playing. Second for ch0 square tone sound and ch1
noise sound. The third sound playing type is DAC PCM playing.
RC
OSCX
PSGC[6~4]
IN0
IN1
Output
Select
PSG Selector
PSGCK
PSGC
SYSCK
PSGCK
SYSCK/2
SYSCK/4
SYSCK/8
SYSCK x 2
OSCX
B6 B5 B4
0
0
0
X
X
0
1
1
1
1
1
1
1
0
1
0
0
0
FIGURE 14-1 PSG Clock Source Control
Enable Output
Enable
LOAD
Output
MUX2
IN0
IN1
OUTPUT
SEL
MUX2
IN0
IN1
OUTPUT
SEL
MUX2
IN0
IN1
OUTPUT
SEL
MIXER
CH1
Output
Vol_CH1
DACE
C1TEN
C1Tone
C1out
DACE
PSGC[2]
C1NEN
C1Noise
PSGC[3]
PSG0
C1out
VOL[1~0]
PSG1
BD
BDB
DACE
To Port B
From DAC Generator
Channel 1 Tone
Channel 1 Noise
Preload Data Before First Count
FIGURE 14-2 PSG Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com