Electronic Components Datasheet Search
  English  ▼

X  

ST2202 Datasheet(PDF) 64 Page - List of Unclassifed Manufacturers

Part # ST2202
Description  8 BIT Integrated Microcontroller with 256K Bytes ROM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ST2202 Datasheet(HTML) 64 Page - List of Unclassifed Manufacturers

Back Button ST2202 Datasheet HTML 57Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 58Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 59Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 60Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 61Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 62Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 63Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 64Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 65Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 64 / 65 page
background image
Sitronix
ST2202
Ver 2.0a
64/65
2003-May-05
2
25
5.. R
RE
EV
VIIS
SIIO
ON
NS
S
REVISION DESCRIPTION
PAGE
DATE
2.0
Change application circuit of connecting an external ROM
Add Section 21.3 AC Electrical Characteristics
Move pad diagram and device information to the front
63
62
2003/5/5
1.9
Remove the capacitor in parallel with the oscillation resistor.
Modify typical active level of low voltage detector to be 2.6V
60
58, 59
2003/1/2
2003/4/2
1.8
Modify application circuit of section 22. See notes below the figure.
60
2002/11/20
Fix errors on addresses of BRS and BDIV in TABLE 11-6
21
2002/11/4
Modify TABLE 16-6 Settings for Standard Baud Rates in section 16-5
52
2002/11/13
1.7
Forbid using SRAM as the source of DMA in section 17
53
2002/11/13
Modify connection of XMD from NC to VCC in section 24
59
2002/9/25
Switch definition of PC4 and PC5, PFC[4] and PFC[5]
2,3,7,43,44,45
2002/9/25
Modify definition of DATA_READY active level selection bit in TABLE
17-3
46
2002/9/25
1.6
Modify description of oscillator mode selection in first paragraph
18
2002/9/25
Add operation frequency range
1, 58
2002/9/4
1.5
Add section 16.2 and 16.3
39,40
2002/9/4
Modify description of pin XMD. Connection “NC” is not allowed
3
2002/6/24
Modify description of pin MMD/ CS0 and FIGURE 10-1. One resistor
should be added between VCC and this pin when using Emulation mode.
3,16
2002/6/24
Modify selection method of high frequency crystal oscillator from “Code
option” to “Bonding option”
1
2002/6/24
Add description of control bit INTEG and TABLE 9-9
15
2002/6/24
Change R/W ability of LSSAL and LSSAH to be write-only
8, 38, 39
2002/6/24
Modify TABLE 15-4 DAC Sample Rate Description
34
2002/6/24
1.4
Add chapter 21: DC characteristics
58
2002/9/4
Modify description of pin MMD/ CS0
3,16
2002/6/12
1.3
Add figures of connection of pin MMD/ CS0
16
2002/6/12
Correct description of output levels of POFF in TABLE 16-7
38
2002/6/05
Add application circuit
55
2002/6/10
Change name of TEST2 pin to MMD, change name of TEST3 pin to
TEST2. Modify description of MMD
3, 15
2002/6/10
1.2
Add section 18.5 “Settings for Standard Baud Rates”
48
2002/6/10
Modify bit0 of system control register SYS
6,7,17,20,52,54 2002/4/20
1.1
Add two pins XMD and TEST3
2, 3
2002/6/04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com