Electronic Components Datasheet Search
  English  ▼

X  

ST2202 Datasheet(PDF) 59 Page - List of Unclassifed Manufacturers

Part # ST2202
Description  8 BIT Integrated Microcontroller with 256K Bytes ROM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ST2202 Datasheet(HTML) 59 Page - List of Unclassifed Manufacturers

Back Button ST2202 Datasheet HTML 55Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 56Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 57Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 58Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 59Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 60Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 61Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 62Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 63Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 65 page
background image
Sitronix
ST2202
Ver 2.0a
59/65
2003-May-05
2
21
1.. W
WA
AT
TC
CH
HD
DO
OG
G T
TIIM
ME
ER
R
The watchdog timer (WDT) is an added check that a
program is running and sequencing properly. When the
application software is running, it is responsible for keeping
the 2- or 8-second watchdog timer from timing out. If the
watchdog timer times out, it is an indication that the
software is no longer being executed in the intended
sequence. At this time the watchdog timer generates a
reset signal to the system.
21.1 WDT Operations
The WDT is enabled by setting the WDT enable flag
WDTEN (MISC[3]). Two time settings, 2 and 8 seconds,
are selectable with selection bit WDTPS (MISC[2]).WDT is
clocked by the 2Hz clock from the base timer and therefore
has 0.5-second resolution. It is recommended that the
watchdog timer be periodically cleared by software once it
is enabled. Otherwise, software reset will be generated
when the timer reached a binary value of 4 or 16.
Note:The WDT can be reset by writing any value
to MISC register.
After a system reset, WDTEN is cleared. Then the
WDT returns to be idle.
TABLE 21-1 System Miscellaneous Register (MISC)
Address Name
R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
R
-
-
-
-
WDTEN WDTPS
TEST
TEST
- - - - 0000
$038
MISC
W
Reset WDT
Bit 2: WDTPS : WDT time-out time selection bit
0 = 8 seconds
1 = 2 seconds
Bit 3: WDTEN : WDT control bit
0 = Disable WDT
1 = Enable WDT
Bit 1~0: TEST : These two bits should be both zero in normal operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com