Electronic Components Datasheet Search
  English  ▼

X  

ST2202 Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # ST2202
Description  8 BIT Integrated Microcontroller with 256K Bytes ROM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ST2202 Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button ST2202 Datasheet HTML 26Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 27Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 28Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 29Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 30Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 31Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 32Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 33Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 65 page
background image
Sitronix
ST2202
Ver 2.0a
30/65
2003-May-05
1
13
3.. C
CL
LO
OC
CK
KIIN
NG
G O
OU
UT
TP
PU
UT
TS
S
Three clocking outputs PE0, PE1 and PE2 are supported by
the ST2202. These signals are very useful for outputs of high
frequency, such as PWM base signal or carrier of remote
control. Timer0, Timer1 overflow signals are clock sources for
PE0 and PE1, while BGRCK are for PE2.
Clocking Outputs: PE0 and PE1
Overflow states of Timers will be connected to toggle data of
PE[0:1] when setting function selection bits TCO0/TCO1
(PMCR[0:1]). Meanwhile PE0/PE1 output clocked data of half
the frequency of Timers. After resetting TCO0/TCO1, the toggle
operation ceases. Then PE0/PE1 return to the original logic
level of PE[0:1].
Clocking Output: PE2
BGRCK will output through PE2 when setting function selection
bit BCO (PMCR[2]). If BCO is cleared, PE2 returns to the
original logic level of PE[2].
Summary of clocking outputs registers is shown in TABLE 13-1.
The clocking outputs enable bits can be found in TABLE 13-2.
TABLE 13-1 Summary Of Clocking Outputs Registers
Address
Name
R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
$004
PE
R/W
PE[7]
PE[6]
PE[5]
PE[4]
PE[3]
PE[2]
PE[1]
PE[0]
1111 1111
$00C
PCE
R/W
PCE[7]
PCE[6]
PCE[5]
PCE[4]
PCE[3]
PCE[2]
PCE[1]
PCE[0]
0000 0000
$00F
PMCR
R/W
PULL
PDBN
INTEG
CSM1
CSM0
BCO
TCO1
TCO0
1000 -000
TABLE 13-2 Port Miscellaneous Control Register (PMCR)
Address Name
R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
$00F
PMCR
R/W
PULL
PDBN
INTEG
CSM1
CSM0
BCO
TCO1
TCO0
1000 0000
Bit 0: TCO0 : Clocking output PE0 control bit (sourced from Timer0)
0 = Disable clocking output of PE0
1 = Enable clocking output of PE0
Bit 1: TCO1 : Clocking output PE1 control bit (sourced from Timer1)
0 = Disable clocking output of PE1
1 = Enable clocking output of PE1
Bit 2: BCO : Clock signal output PE2 control bit (sourced from BGRCK)
0 = Disable clock signal output of PE2
1 = Enable clock signal output of PE2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com