Electronic Components Datasheet Search
  English  ▼

X  

ST2202 Datasheet(PDF) 63 Page - List of Unclassifed Manufacturers

Part # ST2202
Description  8 BIT Integrated Microcontroller with 256K Bytes ROM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ST2202 Datasheet(HTML) 63 Page - List of Unclassifed Manufacturers

Back Button ST2202 Datasheet HTML 57Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 58Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 59Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 60Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 61Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 62Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 63Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 64Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 65Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 63 / 65 page
background image
Sitronix
ST2202
Ver 2.0a
63/65
2003-May-05
2
24
4.. A
AP
PP
PL
LIIC
CA
AT
TIIO
ON
N C
CIIR
RC
CU
UIIT
TS
S
Note: 1. The capacitor connected to RESET should be of the value not greater than
0.01uF.
2. The resistor in parallel with the reset capacitor helps a lot to generate correct
reset signal and should not be removed. The drawback is an additional
current of about 1.5 uA rises.
3. The resistor in parallel with the oscillator resistor can stabilize the oscillation
clock. It can be removed if the oscillation clock is not higher than 4Mhz. Note
that the resistance should not be greater than 1000pF.
4. Connect OE signal of an external ROM to RD of ST2202 instead of GND
to prevent conflict of data bus when software error of writing to ROM occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com