Electronic Components Datasheet Search
  English  ▼

X  

ST2202 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # ST2202
Description  8 BIT Integrated Microcontroller with 256K Bytes ROM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ST2202 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button ST2202 Datasheet HTML 12Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 13Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 14Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 15Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 16Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 17Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 18Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 19Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 65 page
background image
Sitronix
ST2202
Ver 2.0a
16/65
2003-May-05
9.1 Port-A Transistion Interrupt
Port-A is designed for the return line inputs of keyboard scan
with transition triggered interrupt and de-bounce option.
Difference between current value and the data kept previously
of Port-A will generate an interrupt request. The last state of
Port-A must be latched before transition, and this can be done
by one read instruction to Port-A. Steps and program example
are shown below.
Operate Port-A interrupt steps:
1. Set input mode.
2. Read Port-A.
3. Clear interrupt request flag (IRPT).
4. Set interrupt enable flag (IEPT).
5. Clear CPU interrupt disable flag (I).
6. Read Port-A before ‘RTI’ instruction in ISR
Example:
.
.
STZ
<PCA
; Set input mode.
LDA
#$FF
STA
<PA
; PA be PULL-UP.
LDA
<PA
; Keep last state.
RMB4
<IREQ
; Clear IRQ flag.
SMB4
<IENA
; Enable INT.
CLI
.
.
Interrupt subroutine
.
.
LDA
<PA
; Keep last state.
RTI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com