Electronic Components Datasheet Search
  English  ▼

X  

ST2202 Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # ST2202
Description  8 BIT Integrated Microcontroller with 256K Bytes ROM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ST2202 Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button ST2202 Datasheet HTML 21Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 22Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 23Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 24Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 25Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 26Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 27Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 28Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 65 page
background image
Sitronix
ST2202
Ver 2.0a
25/65
2003-May-05
12.1.2 PRES
The prescaler PRES is an 8-bits counter as shown in FIGURE
12-1. Which provides four clock sources for base timer and
timer1, and it is controlled by register PRS. The instruction read
toward PRS will bring out the content of PRES and the
Instruction write toward PRS will reset, enable or select clock
sources for PRES.
When user set external interrupt as the input of PRES for event
counter, combining PRES and Timer1 will get a 16bit-event
counter.
TABLE 12-2 Prescaler Control Register (PRS)
Address Name
R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
R
PRS[7]
PRS[6]
PRS[5]
PRS[4]
PRS[3]
PRS[2]
PRS[1]
PRS[0]
0000 0000
$023
PRS
W
SRES
SENA
SENT
-
-
-
-
-
000 - - - - -
READ
Bit 7~0: PRS[7~0] : Value of PRES counter
WRITE
Bit 7:
SRES : Prescaler Reset bit
Write “1” to reset the prescaler (PRS[7~0])
Bit 6:
SENA : Prescaler enable bit
0 = Disable prescaler counting
1 = Enable prescaler counting
Bit 5:
SENT : Clock source(TCLK) selection for prescaller PRES
0 = Clock source from system clock “SYSCK”
1 = Clock source from external events “INTX”
12.1.3 PREW
The prescaler PREW is an 8-bits counter as shown in Figure
11-6. PREW provides four clocks source for base timer and
timer1. It stops counting only if OSCX stops or hardware reset
occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com