Electronic Components Datasheet Search
  English  ▼

X  

ST2202 Datasheet(PDF) 55 Page - List of Unclassifed Manufacturers

Part # ST2202
Description  8 BIT Integrated Microcontroller with 256K Bytes ROM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ST2202 Datasheet(HTML) 55 Page - List of Unclassifed Manufacturers

Back Button ST2202 Datasheet HTML 51Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 52Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 53Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 54Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 55Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 56Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 57Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 58Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 59Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 65 page
background image
Sitronix
ST2202
Ver 2.0a
55/65
2003-May-05
1
19
9.. D
DIIR
RE
EC
CT
T M
ME
EM
MO
OR
RY
Y A
AC
CC
CE
ES
SS
S ((D
DM
MA
A))
To speed up the memory access of this system, a
sequential direct memory access (DMA) controller is
designed-in. DMA can perform memory transfer function
more efficient than CPU does. While DMA working, data
ROM register (DRR) will disable and DMA use DMA
memory bank register (DMR) to access ROM. After DMA
complete, ROM bank control still return to DRR.
With the help of DMR can make DMS across bank
boundary smoothly, but DMR is only valid for DMS. The
DMR can automatic increases when DMS across bank
boundary.
Note: Location of source data can not fall in the range
of internal SRAM( that is the range of
0100H~FFFH).
LCD
DMA
CPU
SRAM
ROM
LCD_CTL
FIGURE 19-1 System Block Diagram
19.1 DMA Control Register
The control register is shown as following:
TABLE 19-2 DMA Control Register (LCTL)
Address Name
R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
$028
DMSL
W
DMS[7]
DMS[6]
DMS[5]
DMS[4]
DMS[3]
DMS[2]
DMS[1]
DMS[0] ???? ????
$029
DMSH
W
DMS[15] DMS[14] DMS[13] DMS[12] DMS[11]
DMS[10]
DMS[9]
DMS[8] ???? ????
$02A
DMDL
W
DMD[7]
DMD[6]
DMD[5]
DMD[4]
DMD[3]
DMD[2]
DMD[1] DMD[0] ???? ????
$02B
DMDH
W
DMD[15] DMD[14] DMD[13] DMD[12] DMD[11] DMD[10] DMD[9] DMD[8] ???? ????
$02C
DCNTL
W
DCNT[7] DCNT[6] DCNT[5] DCNT[4] DCNT[3] DCNT[2] DCNT[1] DCNT[0] ???? ????
$02D
DCNTH
W
-
-
-
DMAM DCNT[11] DCNT[10] DCNT[9] DCNT[8] - - -? ????
$036
DMRL
R/W
DMR[7]
DMR[6]
DMR[5]
DMR[4]
DMR[3]
DMR[2]
DMR[1] DMR[0] 0000 0000
$037
DMRH
R/W
-
-
-
-
-
DMR[10] DMR[9] DMR[8]
- - - - -000
DMS[15:0] : DMA source data starting address register
DMD[15:0]:
DMA destination data starting address register
DCNT[11:0]: DMA moving data byte counter register
DMR[10:0]:
DMA source data bank register (DMR works only when DMS is in the range from 8000h to FFFFh).
DMAM (DCNTH[4]): DMA destination address increasing mode selection bit
0 = Destination address increases automatically.
1 = Destination address is fixed.
The DMA always move (DCNT+1) bytes of data. DMA will
start right after CPU write data into register DCNTL. During
the DMA operation, the CPU hold, until the DMA transfer
completed. The DMR register reset to “$00” on real chip,
but Emulation Board is “unknown”, so recommend initial
DMR register before use. Before Read/Write you have to
initial the PRR, DRR, DMR register when system reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com