Electronic Components Datasheet Search
  English  ▼

X  

ST2202 Datasheet(PDF) 53 Page - List of Unclassifed Manufacturers

Part # ST2202
Description  8 BIT Integrated Microcontroller with 256K Bytes ROM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ST2202 Datasheet(HTML) 53 Page - List of Unclassifed Manufacturers

Back Button ST2202 Datasheet HTML 49Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 50Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 51Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 52Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 53Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 54Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 55Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 56Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 57Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 65 page
background image
Sitronix
ST2202
Ver 2.0a
53/65
2003-May-05
18.4.3 IrDA Control Register
TABLE 18-4 IrDA Control Register
Address Name
R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
$062
IRCTR
R/W
RXINV
TXINV
-
-
-
PW1
PW0
IREN
00- - -000
Bit 7: RXINV : Receive data inversion bit
0 = Receive data is normal
1 = Receive data is inverted
Bit 6: TXINV : Transmit data inversion bit
0 = Transmit data is normal
1 = Transmit data is inverted
Bit 2~1: PW[1:0] : IrDA pulse width selection bits
PW[1:0]
Pulse Width
00
1/16
01
2/16
1x
3/16
Bit 0: IREN : IrDA mode control bit
0 = Normal mode (NRZ)
1 = IrDA mode
18.4.4 UART Data Register
TABLE 18-5 UART Data Register
Address Name
R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
$064
UDATA R/W
UD[7]
UD[6]
UD[5]
UD[4]
UD[3]
UD[2]
UD[1]
UD[0]
???? ????
Write: Write character data to transmitter / Read: Read character data from receiver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com