Electronic Components Datasheet Search
  English  ▼

X  

ST2202 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # ST2202
Description  8 BIT Integrated Microcontroller with 256K Bytes ROM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ST2202 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  ST2202 Datasheet HTML 1Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 2Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 3Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 4Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 5Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 6Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 7Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 8Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 65 page
background image
Sitronix
ST2202
Ver 2.0a
4/65
2003-May-05
TABLE 3-2 Signal Function Groups (continued)
Function Group
Pad No.
Designation
Description
External interrupt
40
INTX/PC0
External interrupt inputs
Clocking output
53~55
BCO/PE2 , TCO1/PE1 ,
TCO0/PE0
Clocking outputs
GPIO
56~60
PE7~3
I/O port E
LCD controller
5~14
FLM/PL7, LOAD/PL6,
AC/PL5 , CP/PL4,
LD[3:0]/PL3~0, POFF ,
BLANK
LCD control signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com